Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 124Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 125Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 126Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 127Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 128Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 129Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 130Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 131Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
1-109
Figure 1.16.1. Block diagram of UARTi (i = 0 to 2)
n0 : Values set to UART0 bit rate generator (U0BRG)
n1 : Values set to UART1 bit rate generator (U1BRG)
n2 : Values set to UART2 bit rate generator (U2BRG)
RxD2
Reception
control circuit
Transmission
control circuit
1 / (n2+1)
1/16
1/16
1/2
Bit rate generator
(address 037916)
Clock synchronous type
(when internal clock is selected)
UART reception
Clock synchronous type
UART transmission
Clock synchronous type
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is
selected)
Receive
clock
Transmit
clock
CLK2
CTS2 / RTS2
f1
f8
f32
Vcc
RTS2
CTS2
TxD2
(UART2)
RxD polarity
reversing circuit
TxD
polarity
reversing
circuit
RxD0
1 / (n0+1)
1/2
Bit rate generator
(address 03A116)
Clock synchronous type
(when internal clock is selected)
UART reception
Clock synchronous type
UART transmission
Clock synchronous type
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is
selected)
Receive
clock
Transmit
clock
CLK0
Clock source selection
CTS0 / RTS0
f1
f8
f32
Reception
control circuit
Transmission
control circuit
Internal
External
Vcc
RTS0
CTS0
TxD0
Transmit/
receive
unit
RxD1
1 / (n1+1)
1/16
1/16
1/2
Bit rate generator
(address 03A916)
Clock synchronous type
(when internal clock is selected)
UART reception
Clock synchronous type
UART transmission
Clock synchronous type
Clock synchronous type
(when internal clock is selected)
Clock synchronous type
(when external clock is
selected)
Receive
clock
Transmit
clock
CLK1
Clock source selection
f1
f8
f32
Reception
control circuit
Transmission
control circuit
Internal
External
RTS1
CTS1
TxD1
(UART1)
(UART0)
CLK
polarity
reversing
circuit
CLK
polarity
reversing
circuit
CTS/RTS disabled
Clock output pin
select switch
CTS1 / RTS1/
CLKS1
CTS/RTS disabled
CTS/RTS selected
CTS/RTS disabled
VCC
CTS/RTS disabled
CTS/RTS selected
CTS/RTS disabled
CTS/RTS disabled
CTS/RTS
selected
CLK
polarity
reversing
circuit
Internal
External
Clock source selection
Transmit/
receive
unit
Transmit/
receive
unit
1/16
1/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com