Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 132Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 133Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 134Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 135Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 136Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 137Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 138Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 139Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Serial I/O
1-117
Figure 1.16.9. Serial I/O-related registers (6)
UART2 special mode register 2 (I C bus exclusive use register)
Symbol
Address
When reset
U2SMR2
037616
0016
b7
b6 b5
b4
b3
b2
b1
b0
Bit name
Bit
symbol
W
R
Function
(I2C bus exclusive use)
STAC
SWC2
SDHI
I C mode select bit 2
SCL wait output bit
0 : Disabled
1 : Enabled
SDA output stop bit
UART2 initialization bit
Clock-synchronous bit
Refer to Table 1.16.11
0 : Disabled
1 : Enabled
IICM2
CSC
SWC
ALS
0 : Disabled
1 : Enabled
SDA output disable bit
SCL wait output bit 2
0: Enabled
1: Disabled (high impedance)
0 : Disabled
1 : Enabled
0: UART2 clock
1: 0 output
2
SHTC
Start/stop condition
control bit
Set this bit to “1” in I2C mode
(refer to Table 1.16.12)
2
UART2 special mode register 3 (I C bus exclusive use register)
Symbol
Address
When reset
U2SMR3
037516
Indeterminate
(However, when SDDS = “1”, the initial value is “0016”)
b7
b6 b5
b4
b3
b2
b1
b0
Bit name
Bit
symbol
W
R
Function
(I C bus exclusive use register)
DL2
SDA digital delay setup
bit
(Note 1, Note 2, Note 3,
Note 4)
DL0
DL1
0 0 0 : Analog delay is selected
0 0 1 : 1 to 2 cycle(s) of 1/f(XIN)
0 1 0 : 2 to 3 cycles of 1/f(XIN)
0 1 1 : 3 to 4 cycles of 1/f(XIN)
1 0 0 : 4 to 5 cycles of 1/f(XIN)
1 0 1 : 5 to 6 cycles of 1/f(XIN)
1 1 0 : 6 to 7 cycles of 1/f(XIN)
1 1 1 : 7 to 8 cycles of 1/f(XIN)
2
Nothing is assigned.
In an attempt to write to these bits, write “0”. The value, if read, turns out to be
indeterminate. However, when SDDS = “1”, the value “0” is read out (Note 1)
2
b7 b6 b5
Note 1: This bit can be read or written to when UART2 special mode register (U2SMR at address 037716) bit
7 (SDDS: SDA digital delay select bit) = “1”. When the initial value of UART2 special mode register 3
(U2SMR3) is read after setting SDDS = “1”, the value is “0016”. When writing to UART2 special mode
register 3 (U2SMR3) after setting SDDS = “1”, be sure to write 0's to bits 0–4. When SDDS = “0”,
this register cannot be written to; when read, the value is indeterminate.
Note 2: These bits are initialized to “000” when SDDS = “0”, with the analog delay circuit selected. After a reset,
these bits are set to “000”, with the analog delay circuit selected. However, because these bits can be
read only when SDDS = “1”, the value read from these bits when SDDS = “0” is indeterminate.
Note 3: When analog delay is selected, only the analog delay value is effective; when digital delay is selected,
only the digital delay value is effective.
Note 4: The amount of delay varies with the load on SCL and SDA pins. Also, when using an external clock, the
amount of delay increases by about 100 ns, so be sure to take this into account when using the device.
Digital delay
is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com