Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 133Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 134Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 135Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 136Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 137Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 138Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 139Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 140Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Clock synchronous serial I/O mode
1-118
(1) Clock synchronous serial I/O mode
The clock synchronous serial I/O mode uses a transfer clock to transmit and receive data. Tables 1.16.2
and 1.16.3 list the specifications of the clock synchronous serial I/O mode. Figure 1.16.10 shows the
UARTi transmit/receive mode register.
Table 1.16.2. Specifications of clock synchronous serial I/O mode (1)
Item
Specification
Transfer data format
• Transfer data length: 8 bits
Transfer clock
• When internal clock is selected (bit 3 at addresses 03A016, 03A816, 037816
= “0”) : fi/ 2(n+1) (Note 1)
fi = f1, f8, f32
• When external clock is selected (bit 3 at addresses 03A016, 03A816, 037816
= “1”) : Input from CLKi pin
Transmission/reception control
_______
_______
_______
_______
• CTS function, RTS function, CTS and RTS function invalid: selectable
Transmission start condition
• To start transmission, the following requirements must be met:
_ Transmit enable bit (bit 0 at addresses 03A516, 03AD16, 037D16) = “1”
_ Transmit buffer empty flag (bit 1 at addresses 03A516, 03AD16, 037D16) = “0”
_______
_______
_ When CTS function selected, CTS input level = “L”
• Furthermore, if external clock is selected, the following requirements must also be met:
_ CLKi polarity select bit (bit 6 at addresses 03A416, 03AC16, 037C16) = “0”:
CLKi input level = “H”
_ CLKi polarity select bit (bit 6 at addresses 03A416, 03AC16, 037C16) = “1”:
CLKi input level = “L”
Reception start condition
• To start reception, the following requirements must be met:
_ Receive enable bit (bit 2 at addresses 03A516, 03AD16, 037D16) = “1”
_ Transmit enable bit (bit 0 at addresses 03A516, 03AD16, 037D16) = “1”
_ Transmit buffer empty flag (bit 1 at addresses 03A516, 03AD16, 037D16) = “0”
• Furthermore, if external clock is selected, the following requirements must
also be met:
_ CLKi polarity select bit (bit 6 at addresses 03A416, 03AC16, 037C16) = “0”:
CLKi input level = “H”
_ CLKi polarity select bit (bit 6 at addresses 03A416, 03AC16, 037C16) = “1”:
CLKi input level = “L”
• When transmitting
_ Transmit interrupt cause select bit (bits 0, 1 at address 03B016, bit 4 at
address 037D16) = “0”: Interrupts requested when data transfer from UARTi
transfer buffer register to UARTi transmit register is completed
_ Transmit interrupt cause select bit (bits 0, 1 at address 03B016, bit 4 at
address 037D16) = “1”: Interrupts requested when data transmission from
UARTi transfer register is completed
• When receiving
_ Interrupts requested when data transfer from UARTi receive register to
UARTi receive buffer register is completed
Error detection
• Overrun error (Note 2)
This error occurs when the next data is ready before contents of UARTi
receive buffer register are read out
Interrupt request
generation timing
Note 1: “n” denotes the value 0016 to FF16 that is set to the UART bit rate generator.
Note 2: If an overrun error occurs, the UARTi receive buffer will have the next data written in. Note also that
the UARTi receive interrupt request bit does not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com