Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 189Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 190Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 191Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 192Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 193Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 194Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 195Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 196Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics
1-174
Table 1.23.1. Absolute maximum ratings
Note : Specify a product of -40
°C to 85°C to use it.
VREF, XIN
XOUT
VO
-0.3 to Vcc+0.3
-0.3 to Vcc+0.3
Pd
Topr=25
-0.3 to 6.5
-0.3 to 6.5
V
V
V
VI
AVcc
Vcc
Tstg
Topr
mW
V
-65 to 150
300
-20 to 85 / -40 to 85 (Note)
P30 to P37, P40 to P47, P50 to P57,
P60 to P67, P72 to P77, P80 to P87,
P00 to P07, P10 to P17, P20 to P27,
P30 to P37,P40 to P47, P50 to P57,
P60 to P67,P72 to P77, P80 to P84,
P00 to P07, P10 to P17, P20 to P27,
RESET,
P90 to P97, P100 to P107,
P86, P87, P90 to P97, P100 to P107,
P70, P71
P70, P71
-0.3 to 6.5
-0.3 to 6.5
V
V
CNVSS, BYTE,
VCC=AVCC
VCC=AVCC
C
C
C
Symbol
Parameter
Condition
Rated value
Unit
Supply voltage
Analog supply voltage
Input
voltage
Output
voltage
Power dissipation
Operating ambient temperature
Storage temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com