Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 191Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 192Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 193Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 194Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 195Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 196Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 197Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 198Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 615 page
background image
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Electrical characteristics (Vcc = 5V)
1-176
VCC = 5V
Table 1.23.3. A-D conversion characteristics (referenced to VCC = AVCC = VREF = 2.7V to 5.5V, Vss = AVSS =
0V at Topr = – 20oC to 85oC / – 40oC to 85oC (Note 4) unless otherwise specified)
µs
Standard
Min.
Typ. Max.
Resolution
Absolute
accuracy
Bits
LSB
VREF = VCC
±3
10
Symbol
Parameter
Measuring condition
Unit
VREF = VCC = 5V
RLADDER
tCONV
Ladder resistance
Conversion time(10bit), Sample & hold function available
Reference voltage
Analog input voltage
k
Ω
V
VIA
VREF
V
0
2.7
10
VCC
VREF
40
3.3
2.8
tCONV
tSAMP
Sampling time
0.3
VREF = VCC
Sample & hold function not available
Sample & hold function available(10bit)
AN0 to AN7 input
ANEX0, ANEX1 input,
External op-amp connection mode
VREF =VCC
= 5V
LSB
LSB
±7
Sample & hold function available(8bit)
VREF = VCC = 5V
±2
LSB
Min.
Typ.
Max.
tsu
RO
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
Bits
%
k
Ω
mA
IVREF
1.0
1.5
8
3
Symbol
Parameter
Measuring condition
Unit
20
10
4
µs
(Note 1)
Standard
µs
µs
±3
Note 1: Do f(X IN) in range of main clock input oscillation frequency prescribed with recommended operating
conditions of table 1.23.2. Divide the f AD if f(XIN) exceeds 10MHz, and make AD operation clock frequency
(ØAD) equal to or lower than 10MHz. And divide the f AD if VCC is less than 4.2V, and make AD operation
clock frequency (ØAD) equal to or lower than f AD/2.
Note 2: A case without sample & hold function turn AD operation clock frequency (ØAD) into 250 kHz or more in
addition to a limit of Note 1.
A case with sample & hold function turn AD operation clock frequency (ØAD) into 1MHz or more in addition
to a limit of Note 1.
Note 3: Connect AV CC pin to VCC pin and apply the same electric potential.
Note 4: Specify a product of -40°C to 85°C to use it.
Sample & hold function not available(8bit) VREF = VCC = 3V, ØAD = fAD/2
±2
LSB
Conversion time(8bit), Sample & hold function available
VREF = VCC = 5V, ØAD =10MHz
VREF = VCC = 5V, ØAD =10MHz
9.8
tCONV
µs
Conversion time(8bit), Sample & hold function not available
VREF = VCC = 3V, ØAD = fAD/2 = 5MHz
Page program time
Block erase time
Erase all unlocked blocks time
Lock bit program time
6
50
50 X n (Note)
6
120
600
600 X n (Note)
120
ms
ms
ms
ms
Parameter
Standard
Min.
Typ.
Max
Unit
Note 1: This applies when using one D-A converter, with the D-A register for the unused D-A converter set to
“0016”.
The A-D converter's ladder resistance is not included.
Also, when D-A register contents are not “00 16”, the current I VREF always flows even though Vref may
have been set to be unconnected by the A-D control register.
Note 2: Specify a product of -40°C to 85°C to use it.
Note : n denotes the number of block erases.
Table 1.23.4. D-A conversion characteristics (referenced to VCC = VREF = 2.7V to 5.5V, VSS = AVSS
=
0V, at Topr = – 20oC to 85oC / – 40oC to 85oC (Note 2) unless otherwise specified)
Table 1.23.5. Flash memory version electrical characteristics
(referenced to VCC = 4.2V to 5.5V, at Topr =0 to 60oC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com