Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 242Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 243Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 244Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 245Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 246Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 247Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 248Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 249Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 615 page
background image
CPU Rewrite Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-227
Write 2016
Write D016
Block address
Check full status
check(Note)
Block erase
completed
Start
RY/BY status flag
= 1?
NO
YES
Error
Erase error
Note: Refer to Figure 1.26.8.
Figure 1.26.5. Block erase flowchart
Block Erase Command (2016/D016)
By writing the command code “2016” in the first bus cycle and the confirmation command code “D016”
in the second bus cycle that follows to the block address of a flash memory block, the system initiates
an auto erase (erase and erase verify) operation.
Whether the auto erase operation is completed can be confirmed by reading the status register or the
flash memory control register 0. At the same time the auto erase operation starts, the read status
register mode is automatically entered, so the content of the status register can be read out. The
status register bit 7 (SR7) is set to 0 at the same time the auto erase operation starts and is returned
to 1 upon completion of the auto erase operation. In this case, the read status register mode remains
active until the Read Array command (FF16) or Read Lock Bit Status command (7116) is written or the
flash memory is reset using its reset bit.
____
The RY/BY status flag of the flash memory control register 0 is 0 during auto erase operation and 1
when the auto erase operation is completed as is the status register bit 7.
After the auto erase operation is completed, the status register can be read out to know the result of
the auto erase operation. For details, refer to the section where the status register is detailed.
Figure 1.26.5 shows an example of a block erase flowchart.
Each block of the flash memory can be protected against erasure by using a lock bit. For details, refer
to the section where the data protect function is detailed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com