Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 243Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 244Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 245Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 246Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 247Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 248Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 249Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 250Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 615 page
background image
CPU Rewrite Mode (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-228
Write 7716
Write D016
block address
SR4 = 0?
NO
Lock bit program
completed
Lock bit program in
error
YES
Start
RY/BY status flag
= 1?
NO
YES
Erase All Unlock Blocks Command (A716/D016)
By writing the command code “A716” in the first bus cycle and the confirmation command code “D016”
in the second bus cycle that follows, the system starts erasing blocks successively.
Whether the erase all unlock blocks command is terminated can be confirmed by reading the status
register or the flash memory control register 0, in the same way as for block erase. Also, the status
register can be read out to know the result of the auto erase operation.
When the lock bit disable select bit of the flash memory control register 0 = 1, all blocks are erased no
matter how the lock bit is set. On the other hand, when the lock bit disable select bit = 0, the function of
the lock bit is effective and only nonlocked blocks (where lock bit data = 1) are erased.
Lock Bit Program Command (7716/D016)
By writing the command code “7716” in the first bus cycle and the confirmation command code “D016”
in the second bus cycle that follows to the block address of a flash memory block, the system sets the
lock bit for the specified block to 0 (locked).
Figure 1.26.6 shows an example of a lock bit program flowchart. The status of the lock bit (lock bit
data) can be read out by a read lock bit status command.
Whether the lock bit program command is terminated can be confirmed by reading the status register
or the flash memory control register 0, in the same way as for page program.
For details about the function of the lock bit and how to reset the lock bit, refer to the section where the
data protect function is detailed.
Figure 1.26.6. Lock bit program flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com