Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 285 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 285 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 281Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 282Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 283Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 284Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 285Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 286Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 287Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 288Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 289Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 615 page
background image
Appendix Standard Serial I/O Mode 2 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-266
ID Check
This command checks the ID code. Execute the boot ID check command as explained here following.
(1) Transfer the “F516” command code with the 1st byte.
(2) Transfer addresses A0 to A7, A8 to A15 and A16 to A23 of the 1st byte of the ID code with the 2nd,
3rd and 4th bytes respectively.
(3) Transfer the number of data sets of the ID code with the 5th byte.
(4) The ID code is sent with the 6th byte onward, starting with the 1st byte of the code.
Figure 1.29.36. Timing for the ID check
ID Code
When the flash memory is not blank, the ID code sent from the peripheral units and the ID code written
in the flash memory are compared to see if they match. If the codes do not match, the command sent
from the peripheral units is not accepted. An ID code contains 8 bits of data. Area is, from the 1st byte,
addresses 0FFFDF16, 0FFFE316, 0FFFEB16, 0FFFEF16, 0FFFF316, 0FFFF716 and 0FFFFB16. Write
a program into the flash memory, which already has the ID code set for these addresses.
Figure 1.29.37. ID code storage addresses
ID size
ID1
ID7
RxD1
TxD1
F516
DF16
FF16
0F16
(M16C reception
data)
(M16C transmit
data)
Reset vector
Watchdog timer vector
Single step vector
Address match vector
BRK instruction vector
Overflow vector
Undefined instruction vector
ID7
ID6
ID5
ID4
ID3
ID2
ID1
DBC vector
NMI vector
0FFFFC16 to 0FFFFF16
0FFFF816 to 0FFFFB16
0FFFF416 to 0FFFF716
0FFFF016 to 0FFFF316
0FFFEC16 to 0FFFEF16
0FFFE816 to 0FFFEB16
0FFFE416 to 0FFFE716
0FFFE016 to 0FFFE316
0FFFDC16 to 0FFFDF16
4 bytes
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com