Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 282Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 283Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 284Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 285Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 286Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 287Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 288Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 289Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 615 page
background image
Appendix Standard Serial I/O Mode 2 (Flash Memory Version)
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-267
Read Check Data
This command reads the check data that confirms that the write data, which was sent with the page
program command, was successfully received.
(1) Transfer the "FD16" command code with the 1st byte.
(2) The check data (low) is received with the 2nd byte and the check data (high) with the 3rd.
To use this read check data command, first execute the command and then initialize the check data.
Next, execute the page program command the required number of times. After that, when the read
check command is executed again, the check data for all of the read data that was sent with the page
program command during this time is read. The check data is the result of CRC operation of write
data.
Figure 1.29.38. Timing for the read check data
Check data (low)
RxD1
TxD1
FD16
(M16C reception data)
(M16C transmit data)
Check data (high)
Baud Rate 9600
This command changes baud rate to 9,600 bps. Execute it as follows.
(1) Transfer the "B016" command code with the 1st byte.
(2) After the "B016" check code is output with the 2nd byte, change the baud rate to 9,600 bps.
Figure 1.29.39. Timing of baud rate 9600
RxD1
TxD1
B016
(M16C reception data)
(M16C transmit data)
B016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com