Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 295Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 296Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 297Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 298Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 299Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 300Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 301Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 302Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 615 page
background image
Electrical characteristics
Mitsubishi microcomputers
M16C / 62M Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-280
2.2
3.6
Vcc
3.0
Vcc
AVcc
V
V
0
0
VIH
IOH (avg)
mA
mA
Vss
AVss
0.8Vcc
V
V
V
V
V
V
V
0.8Vcc
0.5Vcc
Vcc
Vcc
Vcc
0.2Vcc
0.2Vcc
0
0
0
0.16Vcc
I OH (peak)
P72 to P77, P80 to P87, P90 to P97, P100 to P107,
- 5.0
- 10.0
P00 to P07, P10 to P17, P20 to P27, P30 (during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P72 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P31 to P37, P40 to P47, P50 to P57, P60 to P67,
10.0
5.0
mA
f (XIN)
IOL (peak)
mA
I OL (avg)
V
XIN, RESET, CNVSS, BYTE
P70 to P77, P80 to P87, P90 to P97, P100 to P107,
P31 to P37, P40 to P47, P50 to P57, P60 to P67,
XIN, RESET, CNVSS, BYTE
P00 to P07, P10 to P17, P20 to P27, P30 (during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P72 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P70 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P70 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P70,
0.8Vcc
4.6
V
P71
VIL
10 X Vcc
- 17
Vcc=2.7V to 3.6V
Vcc=2.4V to 2.7V
0
0
MHz
MHz
10
0
MHz
17.5 X Vcc
- 35
f (XcIN)
kHz
50
32.768
6 X Vcc
- 6.2
Vcc=2.7V to 3.6V
Vcc=2.2V to 2.7V
0
0
MHz
MHz
10
Vcc=2.2V to 2.4V
Supply voltage
Analog supply voltage
Supply voltage
Analog supply voltage
HIGH input
voltage
LOW input
voltage
HIGH peak output
current
HIGH average output
current
LOW peak output
current
LOW average
output current
Main clock input
oscillation
frequency
Subclock oscillation frequency
with wait
No wait
Symbol
Parameter
Unit
Standard
Min.
Typ.
Max.
(data input function during memory expansion and microprocessor modes)
(data input function during memory expansion and microprocessor modes)
Note 1: The mean output current is the mean value within 100ms.
Note 2: The total IOL (peak) for ports P0, P1, P2, P86, P87, P9, and P10 must be 80mA max. The total IOH (peak) for ports P0, P1,
P2, P86, P87, P9, and P10 must be 80mA max. The total IOL (peak) for ports P3, P4, P5, P6, P7, and P80 to P84 must be
80mA max. The total IOH (peak) for ports P3, P4, P5, P6, P72 to P77, and P80 to P84 must be 80mA max.
Note 3: Specify a product of -40
°C to 85°C to use it.
Note 4: Relationship between main clock oscillation frequency and supply voltage.
Note 5: Execute case without wait, program / erase of flash memory by VCC=2.7V to 3.6V and f(BCLK)
≤ 6.25 MHz. Execute case
with wait, program / erase of flash memory by VCC=2.7V to 3.6V and f(BCLK)
≤ 10.0 MHz.
Table 1.31.2. Recommended operating conditions (referenced to VCC = 2.2V to 3.6V at Topr =
–20
°C to 85oC / – 40°C to 85oC (Note 3) unless otherwise specified)
Main clock input oscillation frequency
(With wait)
2.2
2.7
3.6
Supply voltage
[V]
(BCLK: no division)
6 X VCC –6.2MHZ
Main clock input oscillation frequency
(No wait)
10.0
3.5
0.0
Supply voltage
[V]
(BCLK: no division)
10 X VCC –17MHZ
2.4
7.0
2.2
2.7
3.6
2.4
10.0
0.0
7.0
17.5 X VCC
–
35MHZ
Flash program voltage
Flash read operation voltage
VCC=2.7V to 3.6V
VCC=2.4V to 3.6V
VCC=2.7V to 3.4V
VCC=2.2V to 2.4V
Flash memory version program voltage and read
operation voltage characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com