Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 297Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 298Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 299Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 300Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 301Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 302Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 303Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 304Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 615 page
background image
Electrical characteristics
Mitsubishi microcomputers
M16C / 62M Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
1-282
RLADDER
Reference voltage
Analog input voltage
k
Ω
V
VIA
VREF
V
0
2.4
10
VCC
VREF
40
tCONV
VREF =VCC
–
–
Bits
LSB
VREF =VCC
±2
10
VREF =VCC=3V, fAD=fAD/2
9.8
µs
Ladder resistance
Conversion
time(8bit)
Absolute accuracy
Sample & hold function not available (8 bit)
Standard
Min.Typ.Max
Symbol
Parameter
Measuring condition
Unit
–
%
1.0
–
Bits
8
RO
k
Ω
20
10
4
mA
IVREF
1.0
tsu
3
µs
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
(Note1)
Standard
Min.Typ.Max
SymbolParameter
Measuring condition
Unit
Page program time
Block erase time
Erase all unlocked blocks time
Lock bit program time
6
50
50 X n (Note)
6
120
600
600 X n (Note)
120
ms
ms
ms
ms
Parameter
Standard
Min.
Typ.Max
Unit
Resolution
Table 1.31.5. D-A conversion characteristics (referenced to VCC = 2.4V to 3.6V, VSS = AVSS = 0V, VREF=3V,
at Topr = – 20oC to 85oC / – 40oC to 85oC (Note 2), f(XIN)=10MHZ unless otherwise specified)
Note 1: This applies when using one D-A converter, with the D-A register for the unused D-A converter set to “0016”.
The A-D converter's ladder resistance is not included.
Also, when D-A register contents are not “0016”, the current IVREF always flows even though Vref may have
been set to be “unconnected” by the A-D control register.
Note 2: Specify a product of –40
°C to 85°C to use it.
Note 1: Connect AVCC pin to VCC pin and apply the same electric potential.
Note 2: Specify a product of –40
°C to 85°C to use it.
Table 1.31.4. A-D conversion characteristics (referenced to VCC = AVCC = VREF = 2.4V to 3.6V, VSS = AVSS
= 0V, at Topr = – 20oC to 85oC / – 40oC to 85oC (Note 2), f(XIN)=10MHZ unless otherwise specified)
Table 1.31.6. Flash memory version electrical characteristics
(referenced to VCC = 2.7V to 3.6V, at Topr = 0oC to 60oC unless otherwise specified)
Note : n denotes the number of block erases.
Table 1.31.7. Flash memory version program voltage and read operation voltage characteristics
(Topr = 0oC to 60oC)
Flash program voltage
Flash read operation voltage
VCC=2.7V to 3.6V
VCC=2.4V to 3.6V
VCC=2.7V to 3.4V
VCC=2.2V to 2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com