Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 307Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 308Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 309Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 310Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 311Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 312Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 313Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 314Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 615 page
background image
Mitsubishi microcomputers
M16C / 62M Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing
1-292
Read timing
Write timing
BCLK
CSi
ALE
RD
4ns.min
4ns.min
Hi–Z
DB
80ns.min
0ns.min
ADi
BHE
td(BCLK–WR)
60ns.max
th(BCLK–WR)
0ns.min
BCLK
CSi
td(BCLK–CS)
60ns.max
td(BCLK–AD)
ALE
th(BCLK–ALE)
th(BCLK–CS)
4ns.min
tcyc
0ns.min
th(WR–CS)
0ns.min
th(WR–AD)
ADi
BHE
td(BCLK–DB)
4ns.min
th(BCLK–DB)
td(DB–WR)
(tcyc–80)ns.min
0ns.min
th(WR–DB)
DBi
th(RD–AD)
0ns.min
td(BCLK–ALE)
60ns.max
tSU(DB–RD)
Memory Expansion Mode and Microprocessor Mode
(When accessing external memory area with wait)
Measuring conditions :
• VCC=3V
• Input timing voltage : Determined with VIL=0.48V, VIH=1.5V
• Output timing voltage : Determined with VOL=1.5V, VOH=1.5V
WR,WRL,
WRH
td(BCLK–CS)
60ns.max
th(RD–CS)
tcyc
td(BCLK–AD)
60ns.max
th(BCLK–AD)
–4ns.min
th(BCLK–ALE)
60ns.max
td(BCLK–RD)
th(BCLK–RD) 0ns.min
tac2(RD–DB)
th(RD–DB)
0ns.min
th(BCLK–AD)
60ns.max
td(BCLK–ALE)
60ns.max
–4ns.min
80ns.max
th(BCLK–CS)
4ns.min
VCC = 3V
Figure 1.31.5. VCC=3V timing diagram (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com