Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30620FCAFP Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # M30620FCAFP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCAFP Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button M30620FCAFP Datasheet HTML 308Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 309Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 310Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 311Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 312Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 313Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 314Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 315Page - Renesas Technology Corp M30620FCAFP Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 615 page
background image
Mitsubishi microcomputers
M16C / 62M Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timing
1-293
Memory Expansion Mode and Microprocessor Mode
(When accessing external memory area with wait, and select multiplexed bus)
Measuring conditions :
• VCC=3V
• Input timing voltage : Determined with VIL=0.48V,VIH=1.5V
• Output timing voltage : Determined with VOL=1.5V,VOH=1.5V
Read timing
Write timing
0ns.min
60ns.max
–4ns.min
th(BCLK–CS)
4ns.min
tcyc
80ns.max
th(BCLK–DB)
4ns.min
td(DB–WR)
(tcyc*3/2–80)ns.min
Address
Data output
(tcyc/2)ns.min
Address
(tcyc/2–60)ns.min
td(BCLK–ALE)
td(BCLK–WR)
4ns.min
td(BCLK–CS)
60ns.max
4ns.min
th(BCLK–CS)
4ns.min
tcyc
th(RD–DB)
0ns.min
Address
(tcyc/2)ns.min
Data input
Address
tac3(RD–DB)
tdz(RD–AD)
8ns.max
td(AD–RD)
0ns.min
td(AD–WR)
BCLK
CSi
ALE
ADi
BHE
ADi
/DBi
BCLK
CSi
ALE
RD
ADi
BHE
ADi
/DBi
WR,WRL,
WRH
th(RD–CS)
td(AD–ALE) (tcyc/2–45)ns.min
tSU(DB–RD)
80ns.min
th(ALE–AD)
40ns.min
td(BCLK–AD)
60ns.max
60ns.max
td(BCLK–ALE)
th(BCLK–ALE)
–4ns.min
(tcyc/2)ns.min
th(RD–AD)
th(BCLK–AD)
th(BCLK–RD)
0ns.min
td(BCLK–RD)
60ns.max
td(BCLK–CS)
60ns.max
th(WR–CS)
(tcyc/2)ns.min
td(BCLK–DB)
td(AD–ALE)
td(BCLK–AD)
60ns.max
th(WR–DB)
(tcyc/2)ns.min
th(BCLK–AD)
th(WR–AD)
th(BCLK–WR)
th(BCLK–ALE)
0ns.min
60ns.max
VCC = 3V
Figure 1.31.6. VCC=3V timing diagram (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com