Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 36Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 37Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 38Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 39Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 40Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 41Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
AD9520-3
Rev. 0 | Page 40 of 84
NO
NO
NO
NO
YES
YES
YES
YES
YES
PLL ENABLED
DLD == LOW
WAS
LD PIN == HIGH
WHEN DLD WENT
LOW?
HIGH IMPEDANCE
CHARGE PUMP
REFERENCE
EDGE AT PFD?
RELEASE
CHARGE PUMP
HIGH IMPEDANCE
DLD == HIGH
LOOP OUT OF LOCK. DIGITAL LOCK
DETECT SIGNAL GOES LOW WHEN THE
LOOP LEAVES LOCK AS DETERMINED
BY THE PHASE DIFFERENCE AT THE
INPUT OF THE PFD.
ANALOG LOCK DETECT PIN INDICATES
LOCK WAS PREVIOUSLY ACHIEVED.
(0x01D[3] = 1; USE LD PIN VOLTAGE
WITH HOLDOVER.
0x01D[3] = 0; IGNORE LD PIN VOLTAGE,
TREAT LD PIN AS ALWAYS HIGH.)
CHARGE PUMP IS MADE
HIGH IMPEDANCE.
PLL COUNTERS CONTINUE
OPERATING NORMALLY.
CHARGE PUMP REMAINS HIGH
IMPEDANCE UNTIL THE REFERENCE
HAS RETURNED.
TAKE CHARGE PUMP OUT OF
HIGH IMPEDANCE. PLL CAN
NOW RESETTLE.
WAIT FOR DLD TO GO HIGH. THIS TAKES
5 TO 255 CYCLES (PROGRAMMING OF THE DLD
DELAY COUNTER) WITH THE REFERENCE AND
FEEDBACK CLOCKS INSIDE THE LOCK WINDOW AT
THE PFD. THIS ENSURES THAT THE HOLDOVER
FUNCTION WAITS FOR THE PLL TO SETTLE AND LOCK
BEFORE THE HOLDOVER FUNCTION CAN BE
RETRIGGERED.
YES
Figure 46. Flowchart of Automatic/Internal Holdover Mode
The holdover function senses the logic level of the LD pin as a
condition to enter holdover. The signal at LD can be from the
DLD, ALD, or current source LD mode. It is possible to disable
the LD comparator (0x01D[3]), which causes the holdover
function to always sense LD as being high. If DLD is used, it is
possible for the DLD signal to chatter while the PLL is reacquiring
lock. The holdover function may retrigger, thereby preventing
the holdover mode from terminating. Use of the current source
lock detect mode is recommended to avoid this situation (see the
Current Source Digital Lock Detect (CSDLD) section).
When in holdover mode, the charge pump stays in a high
impedance state as long as there is no reference clock present.
As in the external holdover mode, the B counter (in the N divider)
is reset synchronously with the charge pump leaving the high
impedance state on the reference path PFD event. This helps
align the edges out of the R and N dividers for faster settling of
the PLL and reduces frequency errors during settling. Because
the prescaler is not reset, this feature works best when the B and
R numbers are close because this results in a smaller phase
difference for the loop to settle out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com