Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 55Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 56Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 57Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 58Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 59Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 60Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 61Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 62Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
AD9520-3
Rev. 0 | Page 59 of 84
PROGRAMMING THE EEPROM BUFFER SEGMENT
The EEPROM buffer segment is a register space on the AD9520
that allows the user to specify which groups of registers are
stored to the EEPROM during EEPROM programming. Normally,
this segment does not need to be programmed by the user. Instead,
the default power-up values for the EEPROM buffer segment
allow the user to store all of the AD9520 register values from
Register 0x000 to Register 0x231 to the EEPROM.
For example, a user wants to load only the output driver settings
from the EEPROM without disturbing the PLL register settings
currently stored in the AD9520. The user can alter the EEPROM
buffer segment to include only the registers that apply to the
output drivers and exclude the registers that apply to the PLL
configuration.
There are two parts to the EEPROM buffer segment: register
section definition groups and operational codes. Each register
section definition group contains the starting address and
number of bytes to be written to the EEPROM.
If the AD9520 register map were continuous from Address 0x000
to Address 0x232, only one register section definition group
would consist of a starting address of 0x000 and a length of 563
bytes. However, this is not the case. The AD9520 register map is
noncontiguous, and the EEPROM is only 512 bytes long.
Therefore, the register section definition group tells the EEPROM
controller how the AD9520 register map is segmented.
There are three operational codes: IO_UPDATE, end-of-data,
and pseudo-end-of-data. It is important that the EEPROM buffer
segment always have either an end-of-data or a pseudo-end-of-data
operational code and that an IO_UPDATE operation code appear
at least once before the end-of-data op code.
Register Section Definition Group
The register section definition group is used to define a continuous
register section for the EEPROM profile. It consists of three bytes.
The first byte defines how many continuous register bytes are in
this group. If the user puts 0x000 in the first byte, it means there
is only one byte in this group. If the user puts 0x001, it means
there are two bytes in this group. The maximum number of
registers in one group is 128.
The next two bytes are the low byte and high byte of the
memory address (16-bit) of the first register in this group.
IO_UPDATE (Operational Code 0x80)
The EEPROM controller uses this operational code to generate
an IO_UPDATE signal to update the active control register
bank from the buffer register bank during the download process.
At a minimum, there should be at least one IO_UPDATE
operational code after the end of the final register section definition
group. The reason this is needed is so that at least one IO_UPDATE
occurs after all of the AD9520 registers are loaded when the
EEPROM is read. If this operational code is absent during a
write to the EEPROM, the register values loaded from the
EEPROM are not transferred to the active register space, and
these values do not take effect after they are loaded from the
EEPROM to the AD9520.
End-of-Data (Operational Code 0xFF)
The EEPROM controller uses this operational code to terminate
the data transfer process between EEPROM and the control
register during the upload and download process. The last item
appearing in the EEPROM buffer segment should be either this
operational code or the pseudo-end-of-data operational code.
Pseudo-End-of-Data (Operational Code 0xFE)
The AD9520 EEPROM buffer segment has 23 bytes that can
contain up to seven register section definition groups. If users
want to define more than seven register section definition
groups, the pseudo-end-of-data operational code can be used.
During the upload process, when the EEPROM controller
receives the pseudo-end-of-data operational code, it halts the
data transfer process, clears the REG2EEPROM bit, and enables
the AD9520 serial port. Users can then program the EEPROM
buffer segment again and reinitiate the data transfer process by
setting the REG2EEPROM bit (0xB03) to 1 and the
IO_UPDATE register (0x232) to 1. The internal I2C master then
begins writing to the EEPROM starting from the EEPROM address
held from the last writing.
This sequence enables more discrete instructions to be written
to the EEPROM than would otherwise be possible due to the
limited size of the EEPROM buffer segment. It also permits the
user to write the same register multiple times with a different
value each time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com