Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 68 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 64Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 65Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 66Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 67Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 68Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 69Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 70Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 71Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
AD9520-3
Rev. 0 | Page 68 of 84
Table 53. PLL
Reg.
Addr
(Hex) Bit(s) Name
Description
010
[7]
PFD polarity
Sets the PFD polarity. Negative polarity is for use (if needed) with external VCO/VCXO only.
The on-chip VCO requires positive polarity [7] = 0.
[7] = 0; positive (higher control voltage produces higher frequency) (default).
[7] = 1; negative (higher control voltage produces lower frequency).
010
[6:4]
CP current
Charge pump current (with CPRSET = 5.1 kΩ).
[6]
[5]
[4]
ICP (mA)
0
0
0
0.6
0
0
1
1.2
0
1
0
1.8
0
1
1
2.4
1
0
0
3.0
1
0
1
3.6
1
1
0
4.2
1
1
1
4.8 (default)
010
[3:2]
CP mode
Charge pump operating mode.
[3]
[2]
Charge Pump Mode
0
0
High impedance state.
0
1
Force source current (pump up).
1
0
Force sink current (pump down).
1
1
Normal operation (default).
010
[1:0]
PLL power-
down
PLL operating mode.
[1]
[0]
Mode
0
0
Normal operation; this mode must be selected to use the PLL.
0
1
Asynchronous power-down (default).
1
0
Unused.
1
1
Synchronous power-down.
011
[7:0]
14-bit R counter,
Bits[7:0] (LSB)
Reference divider LSBs—lower eight bits. The reference divider (also called the R divider or R counter) is
14 bits long. The lower eight bits are in this register (default: 0x01).
012
[5:0]
14-bit R counter,
Bits[13:8] (MSB)
Reference divider MSBs—upper six bits. The reference divider (also called the R divider or R counter) is
14 bits long. The upper six bits are in this register (default: 0x00).
013
[5:0]
6-bit A counter
A counter (part of N divider). The N divider is also called the feedback divider (default: 0x00).
014
[7:0]
13-bit B counter,
Bits[7:0] (LSB)
B counter (part of N divider)—lower eight bits. The N divider is also called the feedback divider (default: 0x03).
015
[4:0]
13-bit B counter,
Bits[12:8] (MSB)
B counter (part of N divider)—upper five bits. The N divider is also called the feedback divider (default: 0x00).
016
[7]
Set CP pin
to VCP/2
Sets the CP pin to one-half of the VCP supply voltage.
[7] = 0; CP normal operation (default).
[7] = 1; CP pin set to VCP/2.
016
[6]
Reset R counter
Reset R counter (R divider).
[6] = 0; normal (default).
[6] = 1; hold R counter in reset.
016
[5]
Reset A and B
counters
Reset A and B counters (part of N divider).
[5] = 0; normal (default).
[5] = 1; hold A and B counters in reset.
016
[4]
Reset all
counters
Reset R, A, and B counters.
[4] = 0; normal (default).
[4] = 1; hold R, A, and B counters in reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com