Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 46 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
AD9520-3
Rev. 0 | Page 46 of 84
Duty Cycle and Duty-Cycle Correction
The duty cycle of the clock signal at the output of a channel is a
result of some or all of the following conditions:
• The M and N values for the channel
• DCC enabled/disabled
• VCO divider enabled/bypassed
• The CLK input duty cycle (note that the internal VCO has a
50% duty cycle)
The DCC function is enabled by default for each channel divider.
However, the DCC function can be disabled individually for
each channel divider by setting the disable divider DCC bit for
that channel.
Certain M and N values for a channel divider result in a non-
50% duty cycle. A non-50% duty cycle can also result with an
even division, if M ≠ N. The duty-cycle correction function
automatically corrects non-50% duty cycles at the channel
divider output to 50% duty cycle.
Duty-cycle correction requires the following channel divider
conditions:
• An even division must be set as M = N
• An odd division must be set as M = N + 1
When not bypassed or corrected by the DCC function, the duty
cycle of each channel divider output is the numerical value of
(N + 1)/(N + M + 2) expressed as a percent.
The duty cycle at the output of the channel divider for various
configurations is shown in Table 35 to Table 38.
Table 35. Channel Divider Output Duty Cycle with VCO
Divider ≠ 1, Input Duty Cycle Is 50%
VCO
Divider
DX
Output Duty Cycle
N + M + 2
Disable Div
DCC = 1
Disable Div
DCC = 0
Even
Channel
divider
bypassed
50%
50%
Odd = 3
Channel
divider
bypassed
33.3%
50%
Odd = 5
Channel
divider
bypassed
40%
50%
Even, odd
Even
(N + 1)/(N + M + 2)
50%, requires
M = N
Even, odd
Odd
(N + 1)/(N + M + 2)
50%, requires
M = N + 1
Table 36. Channel Divider Output Duty Cycle with VCO
Divider ≠ 1, Input Duty Cycle Is X%
VCO
Divider
DX
Output Duty Cycle
N + M + 2
Disable Div
DCC = 1
Disable Div DCC = 0
Even
Channel
divider
bypassed
50%
50%
Odd = 3
Channel
divider
bypassed
33.3%
(1 + X%)/3
Odd = 5
Channel
divider
bypassed
40%
(2 + X%)/5
Even
Even
(N + 1)/
(N + M + 2)
50%, requires M = N
Even
Odd
(N + 1)/
(N + M + 2)
50%, requires M = N + 1
Odd = 3
Even
(N + 1)/
(N + M + 2)
50%, requires M = N
Odd = 3
Odd
(N + 1)/
(N + M + 2)
(3N + 4 + X%)/(6N + 9),
requires M = N + 1
Odd = 5
Even
(N + 1)/
(N + M + 2)
50%, requires M = N
Odd = 5
Odd
(N + 1)/
(N + M + 2)
(5N + 7 + X%)/(10N + 15),
requires M = N + 1
Table 37. Channel Divider Output Duty Cycle When the
VCO Divider Is Enabled and Set to 1
Input
Clock
Duty Cycle
DX
Output Duty Cycle
N + M + 2
Disable Div
DCC = 1
Disable Div DCC = 0
Any
Even
(N + 1)/
(M + N + 2)
50%, requires M = N
50%
Odd
(N + 1)/
(M + N + 2)
50%, requires M = N + 1
X%
Odd
(N + 1)/
(M + N + 2)
(N + 1 + X%)/(2 × N + 3),
requires M = N + 1
Note that the channel divider must be enabled when VCO divider = 1.
Table 38. Channel Divider Output Duty Cycle When the
VCO Divider Is Bypassed
Input
Clock
Duty Cycle
DX
Output Duty Cycle
N + M + 2
Disable Div
DCC = 1
Disable Div DCC = 0
Any
Channel
divider
bypassed
Same as input
duty cycle
Same as input duty
cycle
Any
Even
(N + 1)/
(M + N + 2)
50%, requires M = N
50%
Odd
(N + 1)/
(M + N + 2)
50%, requires M = N + 1
X%
Odd
(N + 1)/
(M + N + 2)
(N + 1 + X%)/(2 × N + 3),
requires M = N + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com