Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 72Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 73Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 74Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 75Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
AD9520-3
Rev. 0 | Page 76 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
0F6
[7:0]
OUT6 control
This register controls OUT6, and the bit assignments for this register are identical to Register 0x0F0.
0F7
[7:0]
OUT7 control
This register controls OUT7, and the bit assignments for this register are identical to Register 0x0F0.
0F8
[7:0]
OUT8 control
This register controls OUT8, and the bit assignments for this register are identical to Register 0x0F0.
0F9
[7:0]
OUT9 control
This register controls OUT9, and the bit assignments for this register are identical to Register 0x0F0.
0FA
[7:0]
OUT10 control
This register controls OUT10, and the bit assignments for this register are identical to Register 0x0F0.
0FB
[7:0]
OUT11 control
This register controls OUT11, and the bit assignments for this register are identical to Register 0x0F0.
0FC
[7]
CSDLD En OUT7 Output 7 enabled only if CSDLD is high.
[7]
CSDLD Signal
Output 7 Enable Status
0
0
Not affected by CSDLD signal (default).
1
0
Asynchronous power-down.
1
1
Asynchronously enable Output 7 if not powered down by other settings.
To use this feature, the user must use current source digital lock detect,
and set the enable LD pin comparator bit (0x01D[3]).
0FC
[6]
CSDLD En OUT6 Output 6 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FC
[5]
CSDLD En OUT5 Output 5 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FC
[4]
CSDLD En OUT4 Output 4 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FC
[3]
CSDLD En OUT3 Output 3 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FC
[2]
CSDLD En OUT2 Output 2 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FC
[1]
CSDLD En OUT1 Output 1 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FC
[0]
CSDLD En OUT0 Output 0 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FD
[3]
CSDLD En
OUT11
Output 11 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FD
[2]
CSDLD En
OUT10
Output 10 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FD
[1]
CSDLD En OUT9 Output 9 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
0FD
[0]
CSDLD En OUT8 Output 8 enabled only if CSDLD is high. Setting is identical to Register 0x0FC[7].
Table 55. LVPECL Channel Dividers
Reg.
Addr
(Hex) Bit(s) Name
Description
190
[7:4]
Divider 0 low cycles
Number of clock cycles (minus 1) of the divider input during which divider output stays low.
A value of 0x7 means the divider is low for eight input clock cycles (default: 0x7).
190
[3:0]
Divider 0 high cycles
Number of clock cycles (minus 1) of the divider input during which divider output stays high.
A value of 0x7 means the divider is high for eight input clock cycles (default: 0x7).
191
[7]
Divider 0 bypass
Bypasses and powers down the divider; routes input to divider output.
[7] = 0; use divider (default).
[7] = 1; bypass divider.
191
[6]
Divider 0 ignore SYNC
No SYNC.
[6] = 0; obey chip-level SYNC signal (default).
[6] = 1; ignore chip-level SYNC signal.
191
[5]
Divider 0 force high
Forces divider output to high. This requires that no SYNC also be set.
[5] = 0; divider output forced to low (default).
[5] = 1; divider output forced to high.
191
[4]
Divider 0 start high
Selects clock output to start high or start low.
[4] = 0; start low (default).
[4] = 1; start high.
191
[3:0]
Divider 0 phase offset
Phase offset (default: 0x0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com