Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 82 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 76Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 77Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 78Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 79Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 80Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 81Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 82Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 83Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 84Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
AD9520-3
Rev. 0 | Page 82 of 84
APPLICATIONS INFORMATION
FREQUENCY PLANNING USING THE AD9520
The AD9520 is a highly flexible PLL. When choosing the PLL
settings and version of the AD9520, the following guidelines
should be kept in mind.
The AD9520 has four frequency dividers: the reference (or R)
divider, the feedback (or N) divider, the VCO divider, and the
channel divider. When trying to achieve a particularly difficult
frequency divide ratio requiring a large amount of frequency
division, some of the frequency division can be done by either
the VCO divider or the channel divider, thus allowing a higher
phase detector frequency and more flexibility in choosing the
loop bandwidth.
Within the AD9520 family, lower VCO frequencies generally
result in slightly better jitter. The difference in integrated jitter
(from 12 kHz to 20 MHz offset) for the same output frequency is
usually less than 150 fs over the entire VCO frequency range
(1.4 GHz to 2.95 GHz) of the AD9520 family. If the desired
frequency plan can be achieved with a version of the AD9520
that has a lower VCO frequency, choosing the lower frequency
part results in the best phase noise and the lowest jitter. However,
choosing a higher VCO frequency can result in more flexibility
in frequency planning.
Choosing a nominal charge pump current in the middle of the
allowable range as a starting point allows the designer to increase or
decrease the charge pump current, and thus allows the designer
to fine-tune the PLL loop bandwidth in either direction.
ADIsimCLK is a powerful PLL modeling tool that can be
downloaded from www.analog.com and is a very accurate tool
for determining the optimal loop filter for a given application.
USING THE AD9520 OUTPUTS FOR ADC CLOCK
APPLICATIONS
Any high speed ADC is extremely sensitive to the quality of the
sampling clock of the AD9520. An ADC can be thought of as a
sampling mixer, and any noise, distortion, or time jitter on the
clock is combined with the desired signal at the analog-to-
digital output. Clock integrity requirements scale with the analog
input frequency and resolution, with higher analog input
frequency applications at ≥14-bit resolution being the most
stringent. The theoretical SNR of an ADC is limited by the ADC
resolution and the jitter on the sampling clock. Considering an
ideal ADC of infinite resolution where the step size and
quantization error can be ignored, the available SNR can be
expressed approximately by
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
π
=
J
At
f
SNR
2
1
20log
(dB)
where:
fA is the highest analog frequency being digitized.
tJ is the rms jitter on the sampling clock.
Figure 69 shows the required sampling clock jitter as a function
of the analog frequency and effective number of bits (ENOB).
fA (MHz)
10
1k
100
30
40
50
60
70
80
90
100
110
6
8
10
12
14
16
18
t
J
= 100f
s
t
J
= 200f
s
t
J
= 400f
s
t
J
= 1ps
t
J
= 2ps
t
J
= 10p
s
SNR = 20log
1
2πfAtJ
Figure 69. SNR and ENOB vs. Analog Input Frequency
See the AN-756 application note and the AN-501 application note
at www.analog.com.
Many high performance ADCs feature differential clock inputs
to simplify the task of providing the required low jitter clock on
a noisy PCB. (Distributing a single-ended clock on a noisy PCB
can result in coupled noise on the sampling clock. Differential
distribution has inherent common-mode rejection that can
provide superior clock performance in a noisy environment.)
The differential LVPECL outputs of the AD9520 enable clock
solutions that maximize converter SNR performance.
The input requirements of the ADC (differential or single-
ended, logic level termination) should be considered when
selecting the best clocking/converter solution.
LVPECL CLOCK DISTRIBUTION
The LVPECL outputs of the AD9520 provide the lowest jitter
clock signals available from the AD9520. The LVPECL outputs
(because they are open emitter) require a dc termination to bias
the output transistors. The simplified equivalent circuit in
Figure 53 shows the LVPECL output stage.
In most applications, an LVPECL far-end Thevenin termination
(see Figure 70) or Y-termination (see Figure 71) is recommended.
In both cases, VS of the receiving buffer should match the VS_DRV.
If not, ac coupling is recommended (see Figure 72).
LVPECL Y-termination is an elegant termination scheme that
uses the fewest components and offers both odd- and even-mode
impedance matching. Even-mode impedance matching is an
important consideration for closely coupled transmission lines
at high frequencies. Its main drawback is that it offers limited
flexibility for varying the drive strength of the emitter-follower
LVPECL driver. This can be an important consideration when
driving long trace lengths but is usually not an issue. In the case
where VS_DRV = 2.5 V, the 50 Ω termination resistor connected to
ground in Figure 71 should be changed to 19 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com