Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 37Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 38Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 39Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 40Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 41Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 42Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 43Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
AD9520-3
Rev. 0 | Page 41 of 84
After leaving holdover, the loop then reacquires lock and the
LD pin must charge (if 0x01D[3] = 1) before it can reenter
holdover (CP high impedance).
The holdover function always responds to the state of the
currently selected reference (0x01C). If the loop loses lock
during a reference switchover (see the Reference Switchover
section), holdover is triggered briefly until the next reference
clock edge at the PFD.
The following registers affect the automatic/internal holdover
function:
• 0x018[6:5]—lock detect counter. This changes how many
consecutive PFD cycles with edges inside the lock detect
window are required for the DLD indicator to indicate lock.
This impacts the time required before the LD pin can begin
to charge as well as the delay from the end of a holdover
event until the holdover function can be re-engaged.
• 0x018[3]—disable digital lock detect. This bit must be set to a
0 to enable the DLD circuit. Internal/automatic holdover does
not operate correctly without the DLD function enabled.
• 0x01A[5:0]—lock detect pin control. Set this to 000100b to
put it in the current source lock detect mode if using the LD
pin comparator. Load the LD pin with a capacitor of an
appropriate value.
• 0x01D[3]—LD pin comparator enable. 1 = enable; 0 =
disable. When disabled, the holdover function always senses
the LD pin as high.
• 0x01D[1]—external holdover control.
• 0x01D[0]—holdover enable and ignore reference frequency
status. If holdover is disabled, both external- and automatic/
internal holdover are disabled.
In the following example, automatic holdover is configured with
• Automatic reference switchover, prefer REF1.
• Digital lock detect: five PFD cycles, high range window.
• Automatic holdover using the LD pin comparator.
The following registers are set (in addition to the normal PLL
registers):
• 0x018[6:5] = 00b; lock detect counter = five cycles.
• 0x018[4] = 0b; digital lock detect window = high range.
• 0x018[3] = 0b; disable DLD normal operation.
• 0x01A[5:0] = 000100b; program LD pin control to current
source lock detect mode.
• 0x01C[4] = 1b; enable automatic switchover.
• 0x01C[3] = 0b; prefer REF1.
• 0x01C[2:1] = 11b; enable REF1 and REF2 input buffers.
• 0x01D[3] = 1b; enable LD pin comparator.
• 0x01D[1] = 0b; disable external holdover mode and use
automatic/internal holdover mode.
• 0x01D[0] = 1b; enable holdover.
Frequency Status Monitors
The AD9520 contains three frequency status monitors that are
used to indicate if the PLL reference (or references in the case of
single-ended mode) and the VCO have fallen below a threshold
frequency. A diagram showing their location in the PLL is
shown in Figure 47.
The PLL reference monitors have two threshold frequencies:
normal and extended (see Table 17). The reference frequency
monitor thresholds are selected in 0x01F.
PROGRAMMABLE
N DELAY
CLK
CLK
REF1
REF2
BUF
STATUS
STATUS
VCO STATUS
REFERENCE
SWITCHOVER
REF_SEL
CPRSET VCP
VS
GND
RSET
DISTRIBUTION
REFERENCE
REFMON
CP
STATUS
LD
P, P + 1
PRESCALER
A/B
COUNTERS
N DIVIDER
BYPASS
LF
LOW DROPOUT
REGULATOR (LDO)
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
CHARGE
PUMP
HOLD
0
1
DIVIDE BY 1,
2, 3, 4, 5, OR 6
ZERO DELAY BLOCK
FROM CHANNEL
DIVIDER 0
VS_DRV
REFIN
OPTIONAL
REFIN
Figure 47. Reference and VCO Status Monitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com