Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 50Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 51Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 52Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 53Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 54Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
AD9520-3
Rev. 0 | Page 51 of 84
SERIAL CONTROL PORT
The AD9520 serial control port is a flexible, synchronous serial
communications port that allows an easy interface with many
industry-standard microcontrollers and microprocessors. The
AD9520 serial control port is compatible with most synchronous
transfer formats, including Philips I2C, Motorola® SPI®, and
Intel® SSR protocols. The AD9520 I2C implementation deviates
from the classic I2C specification on two specifications, and
these deviations are documented in Table 14 of this data sheet.
The serial control port allows read/write access to all registers
that configure the AD9520.
SPI/I²C PORT SELECTION
The AD9520 has two serial interfaces, SPI and I2C. Users can
select either SPI or I2C depending on the states of the three
logic level (high, open, low) input pins, SP1 and SP0. When
both SP1 and SP0 are high, the SPI interface is active. Otherwise,
I2C is active with eight different I2C slave address (seven bits
wide) settings, see Table 40. The four MSBs of the slave address
are hardware coded as 1011 and the three LSBs are programmed by
SP1 and SP0.
Table 40. Serial Port Mode Selection
SP1
SP0
Address
Low
Low
I²C, 1011000
Low
Open
I²C, 1011001
Low
High
I²C, 1011010
Open
Low
I²C, 1011011
Open
Open
I²C, 1011100
Open
High
I²C, 1011101
High
Low
I²C, 1011110
High
Open
I²C, 1011111
High
High
SPI
I²C SERIAL PORT OPERATION
The AD9520 I2C port is based on the I2C fast mode standard.
The AD9520 supports both I2C protocols: standard mode
(100 kHz) and fast mode (400 kHz).
The AD9520 I2C port has a 2-wire interface consisting of a serial
data line (SDA) and a serial clock line (SCL). In an I2C bus system,
the AD9520 is connected to the serial bus (data bus SDA and
clock bus SCL) as a slave device, meaning that no clock is generated
by the AD9520. The AD9520 uses direct 16-bit (2 bytes)
memory addressing instead of traditional 8-bit (1 byte) memory
addressing.
I2C Bus Characteristics
Table 41. I2C Bus Definitions
Abbreviation
Definition
S
Start
Sr
Repeated Start
P
Stop
A
Acknowledge
A
No acknowledge
W
Write
R
Read
One pulse on the SCL clock line is generated for each data bit
transferred.
The data on the SDA line must not change during the high
period of the clock. The state of the data line can only change when
the clock on the SCL line is low.
SDA
SCL
DATA LINE
STABLE;
DATA VALID
CHANGE
OF DATA
ALLOWED
Figure 55. Valid Bit Transfer
A start condition is a transition from high to low on the SDA
line while SCL is high. The start condition is always generated
by the master to initialize the data transfer.
A stop condition is a transition from low to high on the SDA
line while SCL is high. The stop condition is always generated
by the master to end the data transfer.
START
CONDITION
S
STOP
CONDITION
P
SDA
SCL
Figure 56. Start and Stop Conditions
A byte on the SDA line is always 8 bits long. An acknowledge bit
must follow every byte. Bytes are sent MSB first.
The acknowledge bit is the ninth bit attached to any 8-bit data
byte. An acknowledge bit is always generated by the receiving
device (receiver) to inform the transmitter that the byte has
been received. It is done by pulling the SDA line low during the
ninth clock pulse after each 8-bit data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com