Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 20Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 21Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 22Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 23Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 24Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 25Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 26Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 27Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
AD9520-3
Rev. 0 | Page 24 of 84
–40
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
1k
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 24. Internal VCO Phase Noise (Absolute), Direct-to-LVPECL @ 2000 MHz
–40
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
1k
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 25. Internal VCO Phase Noise (Absolute), Direct-to-LVPECL @ 2250 MHz
–100
–110
–120
–130
–140
–150
–160
10
1k
100
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 26. Additive (Residual) Phase Noise, CLK-to-LVPECL @
245.76 MHz, Divide-by-1
–100
–110
–120
–130
–140
–150
–160
10
1k
100
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 27. Additive (Residual) Phase Noise, CLK-to-LVPECL @
200 MHz, Divide-by-5
–100
–110
–120
–130
–140
–150
–160
10
1k
100
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 28. Additive (Residual) Phase Noise, CLK-to-LVPECL @
1600 MHz, Divide-by-1
–110
–120
–130
–140
–150
–170
–160
10
1k
100
100M
1M
10M
100k
10k
FREQUENCY (Hz)
Figure 29. Additive (Residual) Phase Noise, CLK-to-CMOS @
50 MHz, Divide-by-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com