Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 48 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 44Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 45Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 46Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 47Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 48Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 49Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 50Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 51Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
AD9520-3
Rev. 0 | Page 48 of 84
The pipeline delay from the SYNC rising edge to the beginning
of the synchronized output clocking is between 14 cycles and
15 cycles of clock at the channel divider input, plus either one
cycle of the VCO divider input (see
), or one cycle of
the channel divider input (see
), depending on whether
the VCO divider is used. Cycles are counted from the rising
edge of the signal. In addition, there is an additional 1.2 ns (typical)
delay from the SYNC signal to the internal synchronization logic,
as well as the propagation delay of the output driver. The driver
propagation delay is approximately 100 ps for the LVPECL
driver and approximately 1.5 ns for the CMOS driver.
Figure 51
Figure 52
Another common way to execute the SYNC function is by
setting and resetting the soft SYNC bit at 0x230[0]. Both setting
and resetting of the soft SYNC bit require an update all registers
(0x232[0] = 1) operation to take effect.
A SYNC operation brings all outputs that have not been excluded
(by the ignore SYNC bit) to a preset condition before allowing
the outputs to begin clocking in synchronicity. The preset condition
takes into account the settings in each of the channel’s start high
bit and its phase offset. These settings govern both the static state
of each output when the SYNC operation is happening and the
state and relative phase of the outputs when they begin clocking
again upon completion of the SYNC operation. Between outputs
and after synchronization, this allows for the setting of phase offsets.
The AD9520 differential LVPECL outputs are four groups of
three, sharing a channel divider per triplet. In the case of CMOS,
each LVPECL differential pair can be configured as two single-
ended CMOS outputs. The synchronization conditions apply to
all of the drivers that belong to that channel divider.
Each channel (a divider and its outputs) can be excluded from
any SYNC operation by setting the no SYNC bit of the channel.
Channels that are set to ignore SYNC (excluded channels) do
not set their outputs static during a SYNC operation, and their
outputs are not synchronized with those of the included channels.
12
3
4
5
6
7
8
910
INPUT TO VCO DIVIDER
INPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
1
11
12
13
14
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT VCO DIVIDER INPUT
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 51. SYNC Timing Pipeline Delay When VCO Divider Is Used—CLK or VCO Is Input
INPUT TO CLK
INPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT CLK INPUT
12
3
4
5
6
7
8
910
11
12
13
14
1
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 52. SYNC Timing Pipeline Delay When VCO Divider Is Not Used—CLK Input Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com