Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9520-3/PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9520-3/PCBZ
Description  12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-3/PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9520-3/PCBZ Datasheet HTML 5Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 6Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 7Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 8Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 9Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 10Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 11Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 12Page - Analog Devices AD9520-3/PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
AD9520-3
Rev. 0 | Page 9 of 84
Timing Diagrams
CLK
tCMOS
tCLK
tPECL
Figure 2. CLK/CLK to Clock Output Timing, Div = 1
DIFFERENTIAL
LVPECL
80%
20%
tRP
tFP
Figure 3. LVPECL Timing, Differential
SINGLE-ENDED
CMOS
10pF LOAD
80%
20%
tRC
tFC
Figure 4. CMOS Timing, Single-Ended, 10 pF Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com