Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 28Page - Analog Devices ADV3201ASWZ Datasheet HTML 29Page - Analog Devices ADV3201ASWZ Datasheet HTML 30Page - Analog Devices ADV3201ASWZ Datasheet HTML 31Page - Analog Devices ADV3201ASWZ Datasheet HTML 32Page - Analog Devices ADV3201ASWZ Datasheet HTML 33Page - Analog Devices ADV3201ASWZ Datasheet HTML 34Page - Analog Devices ADV3201ASWZ Datasheet HTML 35Page - Analog Devices ADV3201ASWZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 33 of 3
6
Measuring Crosstalk
Crosstalk is measured by applying a signal to one or more
channels and measuring the relative strength of that signal on a
desired selected channel. The measurement is usually expressed
as decibels below the magnitude of the test signal. The crosstalk
is expressed by
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
=
)
(
)
(
log
20
10
s
A
s
A
XT
TEST
SEL
(4)
where:
s = jω (Laplace transform variable).
ASEL(s) is the amplitude of the crosstalk induced signal in the
selected channel.
ATEST(s) is the amplitude of the test signal.
It can be seen that crosstalk is a function of frequency but not a
function of the magnitude of the test signal (to first order). In
addition, the crosstalk signal has a phase relative to the test
signal associated with it.
A network analyzer is most commonly used to measure cross-
talk over a frequency range of interest. It can provide both
magnitude and phase information about the crosstalk signal.
As a crosspoint system or device grows larger, the number of
theoretical crosstalk combinations and permutations can become
extremely large. For example, in the case of the 32 × 32 matrix
of the ADV3200/ADV3201, note the number of crosstalk terms
that can be considered for a single channel, for example, the IN00
input. IN00 is programmed to connect to one of the ADV3200/
ADV3201 outputs where the measurement can be made.
First, the crosstalk terms associated with driving a test signal
into each of the other 31 inputs can be measured one at a time,
while applying no signal to IN00. Then the crosstalk terms
associated with driving a parallel test signal into all 31 other
inputs can be measured two at a time in all possible combina-
tions, then three at a time, and so on until, finally, there is only
one way to drive a test signal into all 31 other inputs in parallel.
Each of these cases is legitimately different from the others and
may yield a unique value, depending on the resolution of the
measurement system, but it is hardly practical to measure all
these terms and then specify them. In addition, this describes
the crosstalk matrix for just one input channel. A similar cross-
talk matrix can be proposed for every other input. In addition,
if the possible combinations and permutations for connecting
inputs to the other outputs (not used for measurement) are
taken into consideration, the numbers quickly grow to astro-
nomical proportions. If a larger crosspoint array of multiple
ADV3200/ADV3201 devices is constructed, the numbers grow
larger still.
Obviously, some subset of all these cases must be selected as a
guide for a practical measurement of crosstalk. One common
method is to measure all hostile crosstalk; this means that the
crosstalk to the selected channel is measured while all other
system channels are driven in parallel. In general, this yields the
worst crosstalk number, but this is not always the case due to
the vector nature of the crosstalk signal.
Other useful crosstalk measurements are those created by one
nearest neighbor or by the two nearest neighbors on either side.
These crosstalk measurements are generally higher than those
of more distant channels; therefore, they can serve as a worst-
case measure for any other one-channel or two-channel crosstalk
measurements.
Input and Output Crosstalk
Capacitive coupling is voltage-driven (dV/dt) but is generally a
constant ratio. Capacitive crosstalk is proportional to input or
output voltage, but this ratio is not reduced by simply reducing
signal swings. Attenuation factors must be changed by changing
impedances (lowering mutual capacitance), or destructive
canceling must be utilized by summing equal and out of phase
components. For high input impedance devices such as the
ADV3200/ADV3201, capacitances generally dominate input-
generated crosstalk.
Inductive coupling is proportional to current (dI/dt) and often
scales as a constant ratio with signal voltage, but it also shows a
dependence on impedances (load current). Inductive coupling
can also be reduced by constructive canceling of equal and out
of phase fields. In the case of driving low impedance video
loads, output inductances contribute highly to output crosstalk.
The flexible programming capability of the ADV3200/ADV3201
can be used to diagnose whether crosstalk is occurring more on
the input side or the output side. Some examples are illustrative.
A given input pair (IN07 in the middle for this example) can be
programmed to drive OUT07 (also in the middle). The inputs
to IN07 are terminated to ground (via 50 Ω or 75 Ω resistors)
and no signal is applied.
All the other inputs are driven in parallel with the same test signal
(practically provided by a distribution amplifier), with all other
outputs except OUT07 disabled. Because the grounded IN07
input is programmed to drive OUT07, no signal should be
present. Any signal that is present can be attributed to the other
15 hostile input signals because no other outputs are driven
(they are all disabled). Thus, this method measures all the
hostile input contribution to crosstalk into IN07. Of course, this
method can be used for other input channels and combinations
of hostile inputs.
For output crosstalk measurement, a single input channel is
driven (IN00, for example) and all outputs other than a given
output (IN07 in the middle) are programmed to connect to
IN00. OUT07 is programmed to connect to IN15 (far away
from IN00), which is terminated to ground. Thus OUT07
should not have a signal present because it is listening to a quiet
input. Any signal measured at OUT07 can be attributed to the
output crosstalk of the other 15 hostile outputs. Again, this
method can be modified to measure other channels and other
crosspoint matrix combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com