Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 4 Page - Analog Devices

  ADV3201ASWZ Datasheet HTML 1Page - Analog Devices ADV3201ASWZ Datasheet HTML 2Page - Analog Devices ADV3201ASWZ Datasheet HTML 3Page - Analog Devices ADV3201ASWZ Datasheet HTML 4Page - Analog Devices ADV3201ASWZ Datasheet HTML 5Page - Analog Devices ADV3201ASWZ Datasheet HTML 6Page - Analog Devices ADV3201ASWZ Datasheet HTML 7Page - Analog Devices ADV3201ASWZ Datasheet HTML 8Page - Analog Devices ADV3201ASWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 4 of
36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Input Capacitance
3
pF
Input Resistance
1
4
MΩ
Input Bias Current
Sync-tip clamp enabled,
VIN = VCLAMP + 0.1 V
0.1
3
12
μA
Sync-tip clamp enabled,
VIN = VCLAMP − 0.1 V
−2.9
−1
−0.25
mA
Sync-tip clamp disabled
−10
−3
μA
SWITCHING CHARACTERISTICS
Enable On Time
50% update to 1% settling
50
ns
Switching Time, 2 V Step
50% update to 1% settling
40
ns
Switching Transient (Glitch)
IN00 to IN31, RTI
300
mV p-p
POWER SUPPLIES
Supply Current
ADV3200
VPOS or VNEG, outputs enabled, no load
250
300
mA
VPOS or VNEG, outputs disabled
120
155
mA
ADV3201
VPOS or VNEG, outputs enabled, no load
260
310
mA
VPOS or VNEG, outputs disabled
130
165
mA
DVCC
2.5
3.5
mA
Supply Voltage Range
VPOS − VNEG
5 ± 10% to
6.6 ± 10%
V
PSR
VNEG, VPOS, f = 1 MHz
ADV3200
−50
dB
ADV3201
−45
dB
OPERATING TEMPERATURE RANGE
Temperature Range
Operating (still air)
−40 to +85
°C
θJA
Operating (still air)
16
°C/W
OSD ENABLED
VS = ±2.5 V (ADV3200), VS = ±3.3 V (ADV3201) at TA = 25°C, G = +1 (ADV3200), G = +2 (ADV3201), RL = 150 Ω, all configurations,
unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OSD DYNAMIC PERFORMANCE
−3 dB Bandwidth
ADV3200
200 mV p-p
170
MHz
2 V p-p
135
MHz
ADV3201
200 mV p-p
150
MHz
2 V p-p
130
MHz
Gain Flatness
0.1 dB, 200 mV p-p
35
MHz
0.1 dB, 2 V p-p
35
MHz
Settling Time
1%, 2 V step
6
ns
Slew Rate
2 V step, peak
400
V/μs
OSD NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL
ADV3200
0.12
%
ADV3201
0.35
%
Differential Phase Error
NTSC or PAL
ADV3200
0.06
Degrees
ADV3201
0.04
Degrees
Input Voltage Noise
0.5 MHz to 50 MHz
ADV3200
27
nV/√Hz
ADV3201
25
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com