Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 19Page - Analog Devices ADV3201ASWZ Datasheet HTML 20Page - Analog Devices ADV3201ASWZ Datasheet HTML 21Page - Analog Devices ADV3201ASWZ Datasheet HTML 22Page - Analog Devices ADV3201ASWZ Datasheet HTML 23Page - Analog Devices ADV3201ASWZ Datasheet HTML 24Page - Analog Devices ADV3201ASWZ Datasheet HTML 25Page - Analog Devices ADV3201ASWZ Datasheet HTML 26Page - Analog Devices ADV3201ASWZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 23 of
36
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
0
2
4
6
8
10
1214
16
1820
TIME (ns)
OSDxx
INxx
Figure 74. ADV3201 Large Signal Pulse Response, 2 V p-p
2
1
0
–1
–2
3.5
2.5
1.5
0.5
–0.5
0
20
40
60
80
100
TIME (ns)
UPDATE
VOUT RISING EDGE
VOUT FALLING EDGE
Figure 75. ADV3201 Switching Time
2
1
0
–1
–2
3
2
1
0
–1
0
20
40
60
80
100
TIME (ns)
VOUT RISING EDGE
VOUT FALLING EDGE
OSDS
Figure 76. ADV3201 OSD Switching Time
600
400
200
0
–200
–400
–600
0
2
4
6
8
10
1214
16
1820
TIME (ns)
RISING EDGE
FALLING EDGE
Figure 77. ADV3201 Slew Rate
0.2
0
–0.2
–0.4
–0.6
–0.8
0
20
40
60
80
100
TIME (ns)
Figure 78. ADV3201 Switching Glitch
20
15
10
5
0
–5
–10
–15
–20
–25
–30
0
20
40
60
80
100
TIME (ns)
Figure 79. ADV3201 OSD Switching Glitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com