Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 23Page - Analog Devices ADV3201ASWZ Datasheet HTML 24Page - Analog Devices ADV3201ASWZ Datasheet HTML 25Page - Analog Devices ADV3201ASWZ Datasheet HTML 26Page - Analog Devices ADV3201ASWZ Datasheet HTML 27Page - Analog Devices ADV3201ASWZ Datasheet HTML 28Page - Analog Devices ADV3201ASWZ Datasheet HTML 29Page - Analog Devices ADV3201ASWZ Datasheet HTML 30Page - Analog Devices ADV3201ASWZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 27 of
36
THEORY OF OPERATION
The ADV3200/ADV3201 are single-ended crosspoint arrays
with 32 outputs, each of which can be connected to any one
of 32 inputs. Thirty-two switchable input stages are connected
to each output buffer to form 32-to-1 multiplexers. There are 32
of these multiplexers, each with its inputs wired in parallel, for a
total array of 1024 stages forming a multicast-capable crosspoint
switch (see Figure 97).
In addition to connecting to any of the nominal inputs (INxx),
each output can also be connected to an associated OSDxx input
through an additional 2-to-1 multiplexer at each output. This
2-to-1 multiplexer switches between the output of the 32-to-1
multiplexer and the OSDxx input.
x1
OUT00
VPOS
VNEG
FROM INPUT
STAGES
VPOS
VNEG
OSD00
OSDS00
Figure 95. Conceptual Diagram of Single Output Channel, G = +1 (ADV3200)
Decoding logic for each output selects one (or none) of the
input stages to drive the output stage. The enabled input stage
drives the output stage, which is configured as a unity-gain
amplifier in the ADV3200 (see Figure 95).
In the ADV3201, an internal resistive feedback network and
reference buffer provide for a total output stage gain of +2 (see
Figure 96). The input voltage to the reference buffer is the
VREF pin. This voltage is common to the entire chip and needs
to be driven from a low impedance source to avoid crosstalk.
OUT00
x1
VPOS
VNEG
FROM INPUT
STAGES
VPOS
VNEG
VREF
VPOS
VNEG
OSD00
OSDS00
2kΩ
2kΩ
Figure 96. Conceptual Diagram of Single Output Channel, G = +2 (ADV3201)
Each input to the ADV3200/ADV3201 is buffered by a receiver.
This receiver provides overvoltage protection for the input
stages by limiting signal swing. In the ADV3200, the output
of the receiver is limited to ±1.2 V about VREF, whereas in the
ADV3201, the signal swing is limited to ±1.2 V about midsupply.
This receiver is configured as a voltage feedback unity-gain
amplifier. Excess loop gain bandwidth product reduces the
effect of the closed-loop gain on the bandwidth of the device.
SWITCH
MATRIX
SYNC-TIP
CLAMP
RECEIVER
INxx
GND
GND
OPTIONAL
AC COUPLING
CAPACITOR
75Ω
OUTxx 75Ω
75Ω
ADV3200/ADV3201
VREF
OSDxx
OSDSxx
VCLAMP
BYPASS SYNC-TIP
CLAMP
OUTPUT
BUFFER
G = +1 (ADV3200)
G = +2 (ADV3201)
Figure 97. ADV3200/ADV3201 Signal Chain (Single I/O Path)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com