Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 35 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 35 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 28Page - Analog Devices ADV3201ASWZ Datasheet HTML 29Page - Analog Devices ADV3201ASWZ Datasheet HTML 30Page - Analog Devices ADV3201ASWZ Datasheet HTML 31Page - Analog Devices ADV3201ASWZ Datasheet HTML 32Page - Analog Devices ADV3201ASWZ Datasheet HTML 33Page - Analog Devices ADV3201ASWZ Datasheet HTML 34Page - Analog Devices ADV3201ASWZ Datasheet HTML 35Page - Analog Devices ADV3201ASWZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 35 of 3
6
OUTxx
INxx
75Ω
ADV3200/
ADV3201
Figure 106. Fly-By Input Termination (Grounds for the Two Transmission
Lines Must Be Tied Together Close to the INxx Pin)
If multiple ADV3200/ADV3201s are to be driven in parallel, a
fly-by input termination scheme is very useful, but the distance
from each ADV3200/ADV3201 input to the driven input
transmission line is a stub that should be minimized in length
and parasitics using the discussed guidelines.
Although the examples discussed so far are for input termination,
the theory is similar for output back termination. Taking the
ADV3200/ADV3201 as an ideal voltage source, any distance of
routing between the ADV3200/ADV3201 and a back-termination
resistor is a stub that creates reflections. For this reason, place
back-termination resistors close to the ADV3200/ADV3201. In
practice, because back-termination resistors are series elements,
their footprint in the routing is narrower, and it is easier to place
them close to the ADV3200/ ADV3201 outputs in board layout.
ADV3200/ADV3201
CLK, DATA IN, DATA OUT,
UPDATE, CS, RESET
[CLK, DATA IN, DATA OUT,
UPDATE, CS, RESET]
0402
75Ω
75Ω
BNC
IN[2:0], OSD[24:22], OSD[18:16]
0402
75Ω
75Ω
RCA
IN[5:3], OSD[21:19]
0402
50Ω
50Ω
SMA
IN[8:6], OSD[30:28]
OSD[27:25]
0402
75Ω
75Ω
RCA
IN[31:9], OSD[31], OSD[15:0]
75Ω
6
USB DIGITAL
CONTROL
FROM PC
VPOS VNEG DVCC DGND
75Ω
75Ω
TEST POINT
OUT[15:0]
OUT[31], OUT[15:0]
OUT[18:16]
86.6Ω
150Ω
75Ω
464Ω
BNC
AD8003
464Ω
OUT[21:19]
OUT[24:22]
150Ω
75Ω
464Ω
RCA
AD8003
464Ω
75Ω
BNC
75Ω
OUT[27:25]
75Ω
RCA
75Ω
OUT[30:28]
50Ω
SMA
43Ω
75Ω
VCLAMP OSDS[31:0]
OSDS[24:22]
VREF
TEST POINT
TEST POINT
BNC
OSDS[18:16]
1kΩ
2kΩ
OSDS[31:0] TO HIGH SPEED
BREAKOUT
PADS FOR
VCLAMP
CAPS
10nF
1nF
100nF
10nF
1nF
100nF
TEST POINT
Figure 107. Evaluation Board Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com