Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 18Page - Analog Devices ADV3201ASWZ Datasheet HTML 19Page - Analog Devices ADV3201ASWZ Datasheet HTML 20Page - Analog Devices ADV3201ASWZ Datasheet HTML 21Page - Analog Devices ADV3201ASWZ Datasheet HTML 22Page - Analog Devices ADV3201ASWZ Datasheet HTML 23Page - Analog Devices ADV3201ASWZ Datasheet HTML 24Page - Analog Devices ADV3201ASWZ Datasheet HTML 25Page - Analog Devices ADV3201ASWZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 22 of
36
–20
0
–40
–60
–80
–100
–120
1
10
100
1k
FREQUENCY (MHz)
Figure 68. ADV3201 Crosstalk, All Hostile, RTO
–20
0
–40
–60
–80
–100
–120
1M
10M
100M
1G
FREQUENCY (Hz)
Figure 69. ADV3201 Off Isolation, RTO
1M
100k
10k
1k
100
10
1
0.1
1
10
100
1k
FREQUENCY (MHz)
Figure 70. ADV3201 Input Impedance
10k
1k
100
10
1
0.1
1
10
100
1k
FREQUENCY (MHz)
Figure 71. ADV3201 Output Impedance, Disabled
100
10
1
0.1
2
10
100
1k
FREQUENCY (MHz)
Figure 72. ADV3201 Output Impedance, Enabled
0.12
0.08
0.04
0
–0.04
–0.08
–0.12
0
2
4
6
8
10
1214
16
1820
TIME (ns)
INxx
OSDxx
Figure 73. ADV3201 Small Signal Pulse Response, 200 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com