Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 22Page - Analog Devices ADV3201ASWZ Datasheet HTML 23Page - Analog Devices ADV3201ASWZ Datasheet HTML 24Page - Analog Devices ADV3201ASWZ Datasheet HTML 25Page - Analog Devices ADV3201ASWZ Datasheet HTML 26Page - Analog Devices ADV3201ASWZ Datasheet HTML 27Page - Analog Devices ADV3201ASWZ Datasheet HTML 28Page - Analog Devices ADV3201ASWZ Datasheet HTML 29Page - Analog Devices ADV3201ASWZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 26 of
36
3
2
1
0
–1
–3
–2
0
50
100
150
200
TIME (ns)
VIN = ±2.1V
VIN = ±2.3V
VOUT @ VIN = ±2.1V
VOUT @ VIN = ±2.3V
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
2
4
6
8
10
1214
16
1820
TIME (ns)
10pF
0pF
2pF
5pF
Figure 92. ADV3201 Large Signal Pulse with Capacitive Loads, 2 V p-p
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0
2
4
6
8
10
1214
16
1820
TIME (ns)
10pF
0pF
2pF
5pF
Figure 93. ADV3201 OSD Large Signal Pulse with Capacitive Loads, 2 V p-p
Figure 94. ADV3201 Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com