Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 24Page - Analog Devices ADV3201ASWZ Datasheet HTML 25Page - Analog Devices ADV3201ASWZ Datasheet HTML 26Page - Analog Devices ADV3201ASWZ Datasheet HTML 27Page - Analog Devices ADV3201ASWZ Datasheet HTML 28Page - Analog Devices ADV3201ASWZ Datasheet HTML 29Page - Analog Devices ADV3201ASWZ Datasheet HTML 30Page - Analog Devices ADV3201ASWZ Datasheet HTML 31Page - Analog Devices ADV3201ASWZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 28 of
36
In addition to a receiver, each input also has a sync-tip clamp
for use in ac-coupled applications. All clamps are enabled or
disabled according to the first serial data bit shifted in during
programming logic. When enabled, the clamp forces the lowest
input voltage to the voltage on the VCLAMP pin. The VCLAMP
pin is common to the entire chip and needs to be driven from a
low impedance source to avoid crosstalk.
IN00
VPOS
VPOS
VNEG
VCLAMP
5µA
TO INPUT
RECEIVER
OFF-CHIP
CAPACITOR
Figure 98. Conceptual Diagram of Sync-Tip Clamp in an
AC-Coupled Application
The output stage of the ADV3200/ADV3201 is designed for low
differential gain and phase error when driving composite video
signals. It also provides slew current for fast pulse response
when driving component video signals.
The outputs of the ADV3200/ADV3201 can be disabled to
minimize on-chip power dissipation. When disabled, a series of
internal amplifiers drives internal nodes such that a wideband
high impedance is presented at the disabled output, even when
the output bus is under large signal swings. (In the ADV3201,
there is 4 kΩ of resistance terminated to the VREF voltage by
the reference buffer.) This high impedance allows multiple ICs
to be bussed together without additional buffering.
Care must be taken to reduce output capacitance, which results
in more overshoot and frequency domain peaking. In addition,
when the outputs are disabled and driven externally, the voltage
applied to them must not exceed the valid output swing range
for the ADV3200/ADV3201 in order to keep these internal
amplifiers in their linear range of operation. Applying excess
voltage to the disabled outputs can cause damage to the
ADV3200/ADV3201 and should be avoided (see the Absolute
Maximum Ratings section for guidelines).
The internal connection of the ADV3200/ADV3201 is con-
trolled by a serial logic interface. Serial loading into a first rank
of latches preprograms each output. A global update signal
(UPDATE) moves the programming data into the second rank
of latches, simultaneously updating all outputs. A serial output
pin (DATA OUT) allows devices to be daisy chained for single-
pin programming of multiple ICs. A reset pin is available to
avoid bus conflicts by disabling all outputs. This reset clears
both the first and second rank of latches.
The ADV3200 can operate on a single 5 V supply, powering
both the signal path (with the VPOS/VNEG supply pins) and
the control logic interface (with the DVCC/DGND supply
pins). However, in order to easily interface to ground referenced
video signals, split supply operation is possible with ±2.5 V.
(The ADV3201 is intended to operate on ±3.3 V.) In the case of
split supplies, a flexible logic interface allows the control logic
supplies (DVCC/DGND) to be run off 3.3 V/0 V to 5 V/0 V
while the core remains on split supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com