Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 5Page - Analog Devices ADV3201ASWZ Datasheet HTML 6Page - Analog Devices ADV3201ASWZ Datasheet HTML 7Page - Analog Devices ADV3201ASWZ Datasheet HTML 8Page - Analog Devices ADV3201ASWZ Datasheet HTML 9Page - Analog Devices ADV3201ASWZ Datasheet HTML 10Page - Analog Devices ADV3201ASWZ Datasheet HTML 11Page - Analog Devices ADV3201ASWZ Datasheet HTML 12Page - Analog Devices ADV3201ASWZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 9 of
36
Table 7. Pin Function Descriptions
Pin
Mnemonic
Description
1
DVCC
Digital Positive Power Supply.
2
OSD00
OSD Input Number 0.
3
RESET
Control Pin: First and Second Rank Reset.
4
CLK
Control Pin: Serial Data Clock.
5
DATA IN
Control Pin: Serial Data In.
6
DATA OUT
Control Pin: Serial Data Out.
7
UPDATE
Control Pin: Second Rank Write Strobe.
8
CS
Control Pin: Chip Select.
9
OSDS15
Control Pin: OSD Select Number 15.
10
IN00
Input Number 0.
11
OSDS14
Control Pin: OSD Select Number 14.
12
IN01
Input Number 1.
13
OSDS13
Control Pin: OSD Select Number 13.
14
IN02
Input Number 2.
15
OSDS12
Control Pin: OSD Select Number 12.
16
IN03
Input Number 3.
17
OSDS11
Control Pin: OSD Select Number 11.
18
IN04
Input Number 4.
19
OSDS10
Control Pin: OSD Select Number 10.
20
IN05
Input Number 5.
21
OSDS09
Control Pin: OSD Select Number 9.
22
IN06
Input Number 6.
23
OSDS08
Control Pin: OSD Select Number 8.
24
IN07
Input Number 7.
25
OSDS07
Control Pin: OSD Select Number 7.
26
IN08
Input Number 8.
27
OSDS06
Control Pin: OSD Select Number 6.
28
IN09
Input Number 9.
29
OSDS05
Control Pin: OSD Select Number 5.
30
IN10
Input Number 10.
31
OSDS04
Control Pin: OSD Select Number 4.
32
IN11
Input Number 11.
33
OSDS03
Control Pin: OSD Select Number 3.
34
IN12
Input Number 12.
35
OSDS02
Control Pin: OSD Select Number 2.
36
IN13
Input Number 13.
37
OSDS01
Control Pin: OSD Select Number 1.
38
IN14
Input Number 14.
39
OSDS00
Control Pin: OSD Select Number 0.
40
IN15
Input Number 15.
41
VNEG
Analog Negative Power Supply.
42
VREF
Reference Voltage. See the Theory of
Operation section for details.
43
VCLAMP
Sync-Tip Clamp Voltage. See the
Theory of Operation section for details.
44
OSD31
OSD Input Number 31.
45
OSD30
OSD Input Number 30.
46
OSD29
OSD Input Number 29.
47
OSD28
OSD Input Number 28.
48
OSD27
OSD Input Number 27.
49
OSD26
OSD Input Number 26.
Pin
Mnemonic
Description
50
OSD25
OSD Input Number 25.
51
OSD24
OSD Input Number 24.
52
VPOS
Analog Positive Power Supply.
53
OUT31
Output Number 31.
54
VNEG
Analog Negative Power Supply.
55
OUT30
Output Number 30.
56
VPOS
Analog Positive Power Supply.
57
OUT29
Output Number 29.
58
VNEG
Analog Negative Power Supply.
59
OUT28
Output Number 28.
60
VPOS
Analog Positive Power Supply.
61
OUT27
Output Number 27.
62
VNEG
Analog Negative Power Supply.
63
OUT26
Output Number 26.
64
VPOS
Analog Positive Power Supply.
65
OUT25
Output Number 25.
66
VNEG
Analog Negative Power Supply.
67
OUT24
Output Number 24.
68
VPOS
Analog Positive Power Supply.
69
OUT23
Output Number 23.
70
VNEG
Analog Negative Power Supply.
71
OUT22
Output Number 22.
72
VPOS
Analog Positive Power Supply.
73
OUT21
Output Number 21.
74
VNEG
Analog Negative Power Supply.
75
OUT20
Output Number 20.
76
VPOS
Analog Positive Power Supply.
77
OUT19
Output Number 19.
78
VNEG
Analog Negative Power Supply.
79
OUT18
Output Number 18.
80
VPOS
Analog Positive Power Supply.
81
OUT17
Output Number 17.
82
VNEG
Analog Negative Power Supply.
83
OUT16
Output Number 16.
84
VPOS
Analog Positive Power Supply.
85
OSD23
OSD Input Number 23.
86
OSD22
OSD Input Number 22.
87
OSD21
OSD Input Number 21.
88
OSD20
OSD Input Number 20.
89
VNEG
Analog Negative Power Supply.
90
OSD19
OSD Input Number 19.
91
OSD18
OSD Input Number 18.
92
OSD17
OSD Input Number 17.
93
OSD16
OSD Input Number 16.
94
VPOS
Analog Positive Power Supply.
95
IN31
Input Number 31.
96
OSDS31
Control Pin: OSD Select Number 31.
97
IN30
Input Number 30.
98
OSDS30
Control Pin: OSD Select Number 30.
99
IN29
Input Number 29.
100
OSDS29
Control Pin: OSD Select Number 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com