Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 21Page - Analog Devices ADV3201ASWZ Datasheet HTML 22Page - Analog Devices ADV3201ASWZ Datasheet HTML 23Page - Analog Devices ADV3201ASWZ Datasheet HTML 24Page - Analog Devices ADV3201ASWZ Datasheet HTML 25Page - Analog Devices ADV3201ASWZ Datasheet HTML 26Page - Analog Devices ADV3201ASWZ Datasheet HTML 27Page - Analog Devices ADV3201ASWZ Datasheet HTML 28Page - Analog Devices ADV3201ASWZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 25 of
36
250
200
350
300
150
100
50
0
OFFSET (mV)
Figure 86. ADV3201 Input Offset Distribution, One Device, All 1024 Channels
1.5
1.0
0.5
0
–0.5
–1.5
–1.0
3
4
2
1
0
–2
–1
0
20
40
60
80
100
TIME (ns)
UPDATE
VOUT RISING EDGE
VOUT FALLING EDGE
Figure 87. ADV3201 Enable Time
70
60
50
40
30
20
10
0
1.4
1.0
0.6
0.2
–0.2
–0.6
–1.0
–1.4
–5
0
5
10
15
TIME (ns)
VIN
VOUT
(VOUT - VIN)/VIN
Figure 88. ADV3201 Settling Time
140
120
100
80
60
40
20
0
GAIN ERROR (%)
Figure 89. ADV3201 Gain Error Distribution, One Device, All 1024 Channels
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
0
2
4
6
8
10
1214
16
1820
TIME (ns)
0pF
10pF
2pF
5pF
Figure 90. ADV3201 Small Signal Pulse with Capacitive Loads, 200 mV p-p
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
0
2
4
6
8
10
1214
16
1820
TIME (ns)
0pF
10pF
5pF
2pF
Figure 91. ADV3201 OSD Small Signal Pulse with Capacitive Loads,
200 mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com