Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3201ASWZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADV3201ASWZ
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3201ASWZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV3201ASWZ Datasheet HTML 8Page - Analog Devices ADV3201ASWZ Datasheet HTML 9Page - Analog Devices ADV3201ASWZ Datasheet HTML 10Page - Analog Devices ADV3201ASWZ Datasheet HTML 11Page - Analog Devices ADV3201ASWZ Datasheet HTML 12Page - Analog Devices ADV3201ASWZ Datasheet HTML 13Page - Analog Devices ADV3201ASWZ Datasheet HTML 14Page - Analog Devices ADV3201ASWZ Datasheet HTML 15Page - Analog Devices ADV3201ASWZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 12 of
36
I/O SCHEMATICS
OUT
VREF
4kΩ
(ADV3201 ONLY)
Figure 7. Enabled Output
(See Also Figure 16)
3.7pF
4kΩ
(ADV3201 ONLY)
VREF
OUT
Figure 8. Disabled Output
(See Also Figure 16)
VNEG
IN
Figure 9. Receiver
(See Also Figure 16)
VNEG
IN
5µA
Figure 10. Receiver with Sync-Tip Clamp Enabled
(See Also Figure 16)
RESET
DGND
DVCC
1kΩ
25kΩ
Figure 11. Reset Input
(See Also Figure 16)
DGND
1kΩ
DGND
25kΩ
(CS ONLY)
CLK, UPDATE,
DATA IN,
OSDS, CS
Figure 12. Logic Input
(See Also Figure 16)
DVCC
DGND
DATA OUT
Figure 13. Logic Output
(See Also Figure 16)
VNEG
VREF
VCLAMP
50µA
6kΩ
Figure 14. VCLAMP Input
(See Also Figure 16)
VNEG
VPOS
VPOS
VREF
2.5kΩ
(5kΩ FOR ADV3201)
2.5kΩ
(5kΩ FOR ADV3201)
Figure 15. VREF Input
(See Also Figure 16)
VPOS
VNEG
VREF, VCLAMP,
OSD, IN, OUT
DVCC
DGND
CLK, RESET,
UPDATE, CS,
DATA IN,
DATA OUT,
OSDS
Figure 16. ESD Protection Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com