Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 3Page - Cirrus Logic CS4350 Datasheet HTML 4Page - Cirrus Logic CS4350 Datasheet HTML 5Page - Cirrus Logic CS4350 Datasheet HTML 6Page - Cirrus Logic CS4350 Datasheet HTML 7Page - Cirrus Logic CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic CS4350 Datasheet HTML 10Page - Cirrus Logic CS4350 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
DS691F1
7
CS4350
RST
24
Reset (Input) - When pulled low, device will power down and reset all internal registers to their default
settings.
Control Port Definitions
AD1/CDOUT
1
Address Bit 1 / Serial Control Data Out (I/O) - Chip address bit 1 in I²C Mode or data output in SPI
Mode
AD0/CS
2
Address Bit 0 / Chip Select (Input) - Chip address bit 0 in I²C Mode or Chip Select in SPI Mode
SDA/CDIN
3
Serial Control Data In (I/O) - Input/Output for I²C data. Input for SPI data
SCL/CCLK
4
Serial Control Port Clock (Input) - Serial clock for the control port interface
Stand-Alone Definitions
DIF0
DIF1
DIF2
1, 3, 4
Digital Interface Format (Input) - Defines the required relationship between the Left Right Clock, Serial
Clock, and Serial Audio Data
DEM
2
De-emphasis (Input) - Selects the standard 15
μs/50 μs digital de-emphasis filter response for
44.1 kHz sample rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com