Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 4Page - Cirrus Logic CS4350 Datasheet HTML 5Page - Cirrus Logic CS4350 Datasheet HTML 6Page - Cirrus Logic CS4350 Datasheet HTML 7Page - Cirrus Logic CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic CS4350 Datasheet HTML 10Page - Cirrus Logic CS4350 Datasheet HTML 11Page - Cirrus Logic CS4350 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
8
DS691F1
CS4350
2. CHARACTERISTICS AND SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
GND = 0 V; all voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS
GND = 0 V; all voltages with respect to ground.(Note 1)
Notes: 1. Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
2. Any pin except supplies.
Parameters
Symbol
Min
Typ
Max
Units
DC Power Supply
Analog power
VA
4.75
5.0
5.25
V
3.14
3.3
3.46
V
Serial Audio Interface power
VLS
1.35
3.3
5.25
V
Control Interface power
VLC
3.14
3.3
5.25
V
Ambient Operating Temperature (Power Applied)
Commercial (-CZZ)
TA
-40
-
+85
°C
Automotive (-DZZ)
TA
-40
-
+105
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
Analog power
VA
-0.3
6.0
V
Serial Audio Interface power
VLS
-0.3
6.0
V
Control Interface power
VLC
-0.3
6.0
V
Input Current
(Note 2)
Iin
-±10
mA
Digital Input Voltage
Serial Audio Interface
VIN-LS
-0.3
VLS+ 0.4
V
Control Interface
VIN-LC
-0.3
VLC+ 0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com