Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 5Page - Cirrus Logic CS4350 Datasheet HTML 6Page - Cirrus Logic CS4350 Datasheet HTML 7Page - Cirrus Logic CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic CS4350 Datasheet HTML 10Page - Cirrus Logic CS4350 Datasheet HTML 11Page - Cirrus Logic CS4350 Datasheet HTML 12Page - Cirrus Logic CS4350 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DS691F1
9
CS4350
DAC ANALOG CHARACTERISTICS - COMMERCIAL (-CZZ)
Test conditions (unless otherwise specified): VLS = VLC = 3.3 V; TA = 25° C; Input test signal is a 997 Hz sine
wave; Valid with the recommended capacitor values on VD_FILT, VQ, VBIAS (as shown in the typical connection
diagram in Figure 10) and output circuits as shown in Figure 17 and Figure 18; Fs = 48 kHz, 96 kHz, and 192 kHz;
measurement bandwidth 10 Hz to 20 kHz.
Notes: 3. One-half LSB of triangular PDF dither is added to data
4. RL and CL represent the minimum resistance and maximum capacitance required for the CS4350’s in-
ternal op-amp to remain stable. See Figure 1 and Figure 2 for more details.
Parameter
Symbol
Min
Typ
Max
Unit
VA= 5.0 V
Single-ended/Differential
Dynamic Range (Note 3)
24-bit A-Weighted
unweighted
16-bit A-Weighted
unweighted
98/106
95/103
-
-
101/109
98/106
95/96
92/93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (Note 3)
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-91
-78/-86
-38/-46
-90
-72/-73
-32/-33
-86/-87
-
-35/-43
-
-
-
dB
dB
dB
dB
dB
dB
VA= 3.3 V
Single-ended/Differential
Dynamic Range (Note 3)
24-bit A-Weighted
unweighted
16-bit A-Weighted
unweighted
98/106
95/103
-
-
101/109
98/106
95/96
92/93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (Note 3)
24-bit
0 dB
-2 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-86
-91/-93
-78/-86
-38/-46
-83
-72/-73
-32/-33
-77
-
-
-35/-43
-
-
-
dB
dB
dB
dB
dB
dB
dB
VA= 3.3 to 5.0 V
Interchannel Isolation
(1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
0.25
dB
Gain Drift
-
-400
-
ppm/°C
Analog Output
Full Scale Output Voltage - Single Ended
2.61
2.78
2.96
Vpp
Full Scale Output Voltage - Differential
5.22
5.56
5.92
Vpp
Quiescent Voltage
VQ
-0.5•VA
-
VDC
Max DC Current draw from an AOUT pin
IOUTmax
-10
-
μA
Max Current draw from VQ
IQmax
-
100
-
μA
Max AC-Load Resistance
(Note 4)
RL
-3
-
k
Ω
Max Load Capacitance
(Note 4)
CL
-
100
-
pF
Output Impedance
ZOUT
-
100
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com