Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 7Page - Cirrus Logic CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic CS4350 Datasheet HTML 10Page - Cirrus Logic CS4350 Datasheet HTML 11Page - Cirrus Logic CS4350 Datasheet HTML 12Page - Cirrus Logic CS4350 Datasheet HTML 13Page - Cirrus Logic CS4350 Datasheet HTML 14Page - Cirrus Logic CS4350 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DS691F1
11
CS4350
Figures 3 through 5 show typical THD+N performance for CS4350 devices that exhibit the maximum full scale out-
put voltages as specified in the DAC Analog Characteristics tables (see page 9 and 10). With decreasing VA,
THD+N performance is increasingly affected by the full scale output voltage and temperature, with higher full scale
output voltage and lower temperatures corresponding to lower THD+N performance.
AOUTx
3.3 µF
Analog
Output
+
CS4350
GND
RL
CL
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R (k
Ω )
L
125
3
20
Figure 1. Equivalent Output Load
Figure 2. Maximum Loading
-3
-2.5
-2
-1.5
-1
-0.5
0
-100
-90
-80
-70
-60
-50
-40
-30
Output Amplitude(dB)
TA = -40° C
TA = 25° C
TA = 85° C
-3
-2.5
-2
-1.5
-1
-0.5
0
-100
-90
-80
-70
-60
-50
-40
-30
Output Amplitude(dB)
TA = -40° C
TA = 25° C
TA = 85° C
Figure 3. THD+N vs Output Amplitude for VA = 5.0 V
Figure 4. THD+N vs Output Amplitude for VA = 3.3 V
-3
-2.5
-2
-1.5
-1
-0.5
0
-100
-90
-80
-70
-60
-50
-40
-30
Output Amplitude(dB)
TA = -40° C
TA = 25° C
TA = 85° C
Figure 5. THD+N vs Output Amplitude for VA = 3.14 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com