Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 24Page - Cirrus Logic CS4350 Datasheet HTML 25Page - Cirrus Logic CS4350 Datasheet HTML 26Page - Cirrus Logic CS4350 Datasheet HTML 27Page - Cirrus Logic CS4350 Datasheet HTML 28Page - Cirrus Logic CS4350 Datasheet HTML 29Page - Cirrus Logic CS4350 Datasheet HTML 30Page - Cirrus Logic CS4350 Datasheet HTML 31Page - Cirrus Logic CS4350 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
28
DS691F1
CS4350
7. REGISTER QUICK REFERENCE
Addr
Function
7
6
5
4
3
2
1
0
1h
Device and RevID DeviceID4 DeviceID3 DeviceID2 DeviceID1
DeviceID0
RevID2
RevID1
RevID0
default
1
1
1
1
-
-
-
-
2h
Mode Control
Reserved
DIF2
DIF1
DIF0
DEM1
DEM0
FM1
FM0
default
000
0
0
000
3h
Volume, Mixing,
and Inversion
Control
VOLB=A
INVERTA INVERTB
Reserved
ATAPI3
ATAPI2
ATAPI1
ATAPI0
default
000
0
1
001
4h
Mute Control
AMUTE
Reserved
MUTEC
A=B
MUTE_A
MUTE_B
Reserved
Reserved
Reserved
default
100
0
0
001
5h
Channel A Volume
Control
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
default
000
0
0
000
6h
Channel B Volume
Control
VOL7
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
default
000
0
0
000
7h
Ramp and Filter
Control
SZC1
SZC0
RMP_UP
RMP_DN
Reserved
FILT_SEL Reserved
Reserved
default
101
1
0
001
8h
Misc. Control
PDN
Reserved
FREEZE
POPG_EN
RMCK_
CTRL1
RMCK_
CTRL0
R_
SELECT1
R_
SELECT0
default
000
1
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com