Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 18Page - Cirrus Logic CS4350 Datasheet HTML 19Page - Cirrus Logic CS4350 Datasheet HTML 20Page - Cirrus Logic CS4350 Datasheet HTML 21Page - Cirrus Logic CS4350 Datasheet HTML 22Page - Cirrus Logic CS4350 Datasheet HTML 23Page - Cirrus Logic CS4350 Datasheet HTML 24Page - Cirrus Logic CS4350 Datasheet HTML 25Page - Cirrus Logic CS4350 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
22
DS691F1
CS4350
4.6.2
Control Port Mode
1. Hold RST low until the power supply is stable and the left/right clock is fixed to the appropriate
frequency, as discussed in Section 4.2. In this state, the control port is reset to its default settings, VQ
will remain low, and VBIAS will be connected to VA.
2. Bring RST high. The device will remain in a low-power state with VQ low.
3. Perform a control port write to a valid register prior to the completion of approximately 512 LRCK
cycles in Single-Speed Mode (1024 LRCK cycles in Double-Speed Mode, and 2048 LRCK cycles in
Quad-Speed Mode). The desired register settings can be loaded while keeping the PDN bit set to 1.
4. Set the PDN bit to 0. This will initiate the power-up sequence, which lasts approximately 50 µs when
the Popguard is disabled. If the Popguard is enabled, see Section 4.7 for a complete description of
power-up timing.
4.7
Popguard Transient Control
The CS4350 uses a novel technique to minimize the effects of output transients during power-up and power-
down. This technology, when used with external DC-blocking capacitors in series with the audio outputs,
minimizes the audio transients commonly produced by single-ended single-supply converters. It is activated
inside the DAC when the RST pin is toggled and requires no other external control, aside from choosing the
appropriate DC-blocking capacitors.
4.7.1
Power-Up
When the device is initially powered-up, the audio outputs, AOUTA and AOUTB, are clamped to GND.
Following a delay of approximately 1000 sample periods, each output begins to ramp toward the quies-
cent voltage. Approximately 10,000 LRCK cycles later, the outputs reach VQ and audio output begins.
This gradual voltage ramping allows time for the external DC-blocking capacitors to charge to the quies-
cent voltage, minimizing audible power-up transients.
4.7.2
Power-Down
To prevent audible transients at power-down, the device must first enter its power-down state. When this
occurs, audio output ceases and the internal output buffers are disconnected from AOUTA and AOUTB.
In their place, a soft-start current sink is substituted which allows the DC-blocking capacitors to slowly dis-
charge. Once this charge is dissipated, the power to the device may be turned off, and the system is ready
for the next power-on.
4.7.3
Discharge Time
To prevent an audio transient at the next power-on, the DC-blocking capacitors must fully discharge be-
fore turning on the power or exiting the power-down state. If full discharge does not occur, a transient will
occur when the audio outputs are initially clamped to GND. The time that the device must remain in the
power-down state is related to the value of the DC-blocking capacitance and the output load. For example,
with a 3.3 µF capacitor, the minimum power-down time will be approximately 0.4 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com