Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 26Page - Cirrus Logic CS4350 Datasheet HTML 27Page - Cirrus Logic CS4350 Datasheet HTML 28Page - Cirrus Logic CS4350 Datasheet HTML 29Page - Cirrus Logic CS4350 Datasheet HTML 30Page - Cirrus Logic CS4350 Datasheet HTML 31Page - Cirrus Logic CS4350 Datasheet HTML 32Page - Cirrus Logic CS4350 Datasheet HTML 33Page - Cirrus Logic CS4350 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
30
DS691F1
CS4350
8.2.2
De-Emphasis Control (DEM[1:0]) Bits 3-2
Default = 0
00 - No De-emphasis
01 - 44.1 kHz De-emphasis
10 - 48 kHz De-emphasis
11 - 32 kHz De-emphasis
Function:
Selects the appropriate digital filter to maintain the standard
15
μs/50 μs digital de-emphasis filter response at 32, 44.1
or 48 kHz sample rates. (See Figure 21)
Note:
De-emphasis is only available in Single-Speed
Mode
8.2.3
Functional Mode (FM[1:0]) Bits 1-0
Default = 00
00 - Auto speed mode detect
01 - Single-Speed Mode (30 to 54 kHz sample rates)
10 - Double-Speed Mode (50 to 108 kHz sample rates)
11 - Quad-Speed Mode (100 to 216 kHz sample rates)
Function:
Selects the required range of input sample rates or auto speed mode.
8.3
Volume Mixing and Inversion Control - Register 03h
8.3.1
Channel A Volume = Channel B Volume (VOLB=A) Bit 7
Function:
When set to 0 (default), the AOUTA and AOUTB volume levels are independently controlled by the A and
the B Channel Volume Control Bytes.
When set to 1, the volume on both AOUTA and AOUTB are determined by the A Channel Attenuation and
Volume Control Bytes, and the B Channel Bytes are ignored.
8.3.2
Invert Signal Polarity (INVERT_A) Bit 6
Function:
When set to 1, this bit inverts the signal polarity of channel A.
When set to 0 (default), this function is disabled.
This function is only available for Left Justified, Right Justified 16, and Right Justified 24 data formats.
76
543
21
0
VOLB=A
INVERT_A
INVERT_B
Reserved
ATAPI3
ATAPI2
ATAPI1
ATAPI0
00
001
00
1
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 21. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com