Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 27Page - Cirrus Logic CS4350 Datasheet HTML 28Page - Cirrus Logic CS4350 Datasheet HTML 29Page - Cirrus Logic CS4350 Datasheet HTML 30Page - Cirrus Logic CS4350 Datasheet HTML 31Page - Cirrus Logic CS4350 Datasheet HTML 32Page - Cirrus Logic CS4350 Datasheet HTML 33Page - Cirrus Logic CS4350 Datasheet HTML 34Page - Cirrus Logic CS4350 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
DS691F1
31
CS4350
8.3.3
Invert Signal Polarity (INVERT_B) Bit 5
Function:
When set to 1, this bit inverts the signal polarity of channel B.
When set to 0 (default), this function is disabled.
This function is only available for Left Justified, Right Justified 16, and Right Justified 24 data formats.
8.3.4
ATAPI Channel Mixing and Muting (ATAPI[3:0]) Bits 3-0
Default = 1001 - AOUTA=aL, AOUTB=bR (Stereo)
Function:
The CS4350 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to
Table 4 and Figure 22 for additional information.
ATAPI_A1 ATAPI_A0 ATAPI_B1 ATAPI_B0
AOUTA
AOUTB
000
0
MUTE
MUTE
000
1
MUTE
bR
001
0
MUTE
bL
0
0
1
1
MUTE
b[(L+R)/2]
010
0
aR
MUTE
010
1
aR
bR
011
0
aR
bL
011
1
aR
b[(L+R)/2]
Table 4. ATAPI Decode
ΣΣ
A Channel
Volume
Control
AoutA
AoutB
Left Channel
Audio Data
Right Channel
Audio Data
B Channel
Volume
Control
MUTE
MUTE
Figure 22. ATAPI Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com