Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 16Page - Cirrus Logic CS4350 Datasheet HTML 17Page - Cirrus Logic CS4350 Datasheet HTML 18Page - Cirrus Logic CS4350 Datasheet HTML 19Page - Cirrus Logic CS4350 Datasheet HTML 20Page - Cirrus Logic CS4350 Datasheet HTML 21Page - Cirrus Logic CS4350 Datasheet HTML 22Page - Cirrus Logic CS4350 Datasheet HTML 23Page - Cirrus Logic CS4350 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
20
DS691F1
CS4350
4.3.1
Time-Division Multiplex (TDM) Mode
Four TDM interface modes are available that allow the CS4350 to input stereo PCM data in one of 4 time
“slots”. Figure 14 shows the serial port connections necessary to input 8-channel TDM data into four
CS4350 devices, and the corresponding DIF[2:0] pin or register-bit settings required for each CS4350.
Figure 15 shows the TDM data format for each of the four CS4350 devices shown in Figure 14.
.
LRCK
SCLK
SDIN
ILRCK
ISCLK
SDIN
LRCK
SCLK
SDIN
LRCK
SCLK TDM_OUT
TDM Source
CS43501
CS43502
LRCK
SCLK
SDIN
CS43503
DIF[2:0] = 100
DIF[2:0] = 101
DIF[2:0] = 110
DIF[2:0] = 111
CS43504
Figure 14. TDM Mode Connection Diagram
Slot 2, ch B
LRCK
SCLK
MSB
MSB
MSB
MSB
MSB
SDIN1
Slot 4, ch A
Slot 4, ch B
Slot 2, ch A
Slot 1, ch A
256 clks
32 clks
32 clks
32 clks
32 clks
32 clks
MSB
Slot 3, ch A
32 clks
MSB
Slot 1, ch B
32 clks
MSB
Slot 3, ch B
32 clks
LSB
MSB
zero
Data
Figure 15. TDM Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com