Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 6Page - Cirrus Logic CS4350 Datasheet HTML 7Page - Cirrus Logic CS4350 Datasheet HTML 8Page - Cirrus Logic CS4350 Datasheet HTML 9Page - Cirrus Logic CS4350 Datasheet HTML 10Page - Cirrus Logic CS4350 Datasheet HTML 11Page - Cirrus Logic CS4350 Datasheet HTML 12Page - Cirrus Logic CS4350 Datasheet HTML 13Page - Cirrus Logic CS4350 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
DS691F1
CS4350
DAC ANALOG CHARACTERISTICS - AUTOMOTIVE (-DZZ)
Test conditions (unless otherwise specified): VLS = 1.35 V to 5.25 V, VLC = 3.14 V to 5.25 V, TA = -40° C to
105° C, input test signal is a 997 Hz sine wave; Valid with the recommended capacitor values on VFILT, VQ,
VBIAS (as shown in the typical connection diagram in Figure 10) and output circuits as shown in Figure 17 and
Figure 18; Fs = 48 kHz, 96 kHz, and 192 kHz; Measurement bandwidth 10 Hz to 20 kHz.
Note: 5. One-half LSB of triangular PDF dither is added to data. Also, see Figure 3, Figure 4, and Figure 5 for
more details on the CS4350-DZZ THD+N performance with 0dB input signal.
Parameter
Symbol
Min
Typ
Max
Unit
VA= 4.75 V to 5.25 V
Single-ended/Differential
Dynamic Range (Note 3)
24-bit A-Weighted
unweighted
16-bit A-Weighted
unweighted
95/103
92/100
-
-
101/109
98/106
95/96
92/93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (Note 3)
24-bit
0 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-91
-78/-86
-38/-46
-90
-72/-73
-32/-33
-85
-
-32/-40
-
-
-
dB
dB
dB
dB
dB
dB
VA= 3.14 V to 3.46 V
Single-ended/Differential
Dynamic Range (Note 3)
24-bit A-Weighted
unweighted
16-bit A-Weighted
unweighted
94/103
91/100
-
-
101/109
98/106
95/96
92/93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise (Note 5)
24-bit
-1 dB
-2 dB
-20 dB
-60 dB
16-bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-
-89
-91/-93
-78/-86
-38/-46
-83
-72/-73
-32/-33
-83
-
-
-31/-40
-
-
-
dB
dB
dB
dB
dB
dB
dB
VA= 3.14 to 5.25 V
Interchannel Isolation
(1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
0.25
dB
Gain Drift
-
-400
-
ppm/°C
Analog Output
Full Scale Output Voltage - Single Ended
2.55
2.78
3.03
Vpp
Full Scale Output Voltage - Differential
5.10
5.56
6.06
Vpp
Quiescent Voltage
VQ
-0.5•VA
-
VDC
Max DC Current draw from an AOUT pin
IOUTmax
-10
-
μA
Max Current draw from VQ
IQmax
-100
-
μA
Max AC-Load Resistance
(Note 4)
RL
-3
-
k
Ω
Max Load Capacitance
(Note 4)
CL
-100
-
pF
Output Impedance
ZOUT
-100
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com