Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4350 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4350 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4350 Datasheet HTML 31Page - Cirrus Logic CS4350 Datasheet HTML 32Page - Cirrus Logic CS4350 Datasheet HTML 33Page - Cirrus Logic CS4350 Datasheet HTML 34Page - Cirrus Logic CS4350 Datasheet HTML 35Page - Cirrus Logic CS4350 Datasheet HTML 36Page - Cirrus Logic CS4350 Datasheet HTML 37Page - Cirrus Logic CS4350 Datasheet HTML 38Page - Cirrus Logic CS4350 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
DS691F1
35
CS4350
8.7.2
Freeze Controls (FREEZE) Bit 5
Function:
When set to 1, this function allows modifications to be made to the registers without the changes taking
effect until FREEZE is set back to 0. To make multiple changes in the Control Port registers take effect
simultaneously, enable the FREEZE bit, make all register changes, then disable the FREEZE bit.
When set to 0 (default), register changes take effect immediately.
8.7.3
Popguard Enable (POPG_EN) Bit 4
Function:
When set to 1, (default) the Device will initiate a ramping function as outlined in Section 4.7 on page 22.
When set to 0, the outputs will step to VQ upon release of PDN.
8.7.4
RMCK control (RMCK_CTRL[1:0]) Bits 3:2
Default = 00
Function: These bits set the function of the RMCK pin with respect to the LRCK.
8.7.5
RMCK Ratio Select (R_SELECT[1:0]) Bits 2:1
Default = 00
Function: To select the RMCK-to-LRCK ratio.
Note:
RMCK_CTRL must be set to 10 to enable this function. Please note the maximum RMCK output
frequency as specified in the ”Switching Specifications - Serial Audio Interface” on page 13.
RMCK_CTRL1 RMCK_CTRL0
Mode
0
0
256x LRCK for 48 kHz and 96 kHz, 128x @ 192kHz
0
1
512x @ 48kHz, 256x @ 96 kHz, 128x @ 192kHz
1
0
Manual control (see RMCK Ratio Select)
1
1
RMCK pin driven low
R_SELECT1
R_SELECT0
RMCK/LRCK Ratio
00
512
01
256
10
128
11
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com