Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 65Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 66Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 67Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 68Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 69Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 70Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 71Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 72Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 137 page
background image
69
4235K–8051–05/08
AT89C51RD2/ED2
Serial Peripheral data transfer flag, SPIF: This bit is set by hardware when a transfer has been
completed. SPIF bit generates transmitter CPU interrupt requests.
Mode Fault flag, MODF: This bit becomes set to indicate that the level on the SS is inconsistent
with the mode of the SPI. MODF with SSDIS reset, generates receiver/error CPU interrupt
requests. When SSDIS is set, no MODF interrupt request is generated.
Figure 16-7 gives a logical view of the above statements.
Figure 16-7. SPI Interrupt Requests Generation
16.3.5
Registers
There are three registers in the Module that provide control, status and data storage functions. These registers are
describes in the following paragraphs.
16.3.5.1
Serial Peripheral Control Register (SPCON)
• The Serial Peripheral Control Register does the following:
• Selects one of the Master clock rates
• Configure the SPI Module as Master or Slave
• Selects serial clock polarity and phase
• Enables the SPI Module
• Frees the SS pin for a general-purpose
Table 16-3 describes this register and explains the use of each bit
Table 16-3.
SPCON Register
SPCON - Serial Peripheral Control Register (0C3H)
SSDIS
MODF
CPU Interrupt Request
SPI Receiver/error
CPU Interrupt Request
SPI Transmitter
SPI
CPU Interrupt Request
SPIF
7
6
5
4
3
2
1
0
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
Bit Number
Bit Mnemonic
Description
7
SPR2
Serial Peripheral Rate 2
Bit with SPR1 and SPR0 define the clock rate.
6
SPEN
Serial Peripheral Enable
Cleared to disable the SPI interface.
Set to enable the SPI interface.
5
SSDIS
SS Disable
Cleared to enable SS in both Master and Slave modes.
Set to disable SS in both Master and Slave modes. In Slave mode, this bit
has no effect if CPHA =’0’. When SSDIS is set, no MODF interrupt request
is generated
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com