Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 27Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 28Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 29Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 30Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 31Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 32Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 33Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 34Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 137 page
background image
31
4235K–8051–05/08
AT89C51RD2/ED2
Figure 12-1. Auto-reload Mode Up/Down Counter (DCEN = 1)
12.2
Programmable
Clock-output
In the clock-out mode, Timer 2 operates as a 50% duty-cycle, programmable clock generator
(See Figure 12-2). The input clock increments TL2 at frequency FCLK PERIPH/2. The timer repeat-
edly counts to overflow from a loaded value. At overflow, the contents of RCAP2H and RCAP2L
registers are loaded into TH2 and TL2. In this mode, Timer 2 overflows do not generate inter-
rupts. The formula gives the clock-out frequency as a function of the system oscillator frequency
and the value in the RCAP2H and RCAP2L registers:
For a 16 MHz system clock, Timer 2 has a programmable frequency range of 61 Hz
(FCLK PERIPH/2
16) to 4 MHz (F
CLK PERIPH/4). The generated clock signal is brought out to T2 pin
(P1.0).
Timer 2 is programmed for the clock-out mode as follows:
• Set T2OE bit in T2MOD register.
• Clear C/T2 bit in T2CON register.
• Determine the 16-bit reload value from the formula and enter it in RCAP2H/RCAP2L
registers.
• Enter a 16-bit initial value in timer registers TH2/TL2. It can be the same as the reload value
or a different one depending on the application.
• To start the timer, set TR2 run control bit in T2CON register.
(DOWN COUNTING RELOAD VALUE)
C/T2
TF2
TR2
T2
EXF2
TH2
(8-bit)
TL2
(8-bit)
RCAP2H
(8-bit)
RCAP2L
(
8-bit)
FFh
(8-bit)
FFh
(8-bit)
TOGGLE
(UP COUNTING RELOAD VALUE)
TIMER 2
INTERRUPT
FCLK PERIPH
0
1
T2CON
T2CON
T2CON
T2CON
T2EX:
If DCEN = 1, 1 = UP
If DCEN = 1, 0 = DOWN
If DCEN = 0, up counting
:6
Clock O
–
utFrequency
F
CLKPERIPH
4
65536
RCAP
2H RCAP2L
⁄
)
–
(
×
---------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com