Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 93 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 89Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 90Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 91Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 92Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 93Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 94Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 95Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 96Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 137 page
background image
93
4235K–8051–05/08
AT89C51RD2/ED2
24. Flash/EEPROM Memory
The Flash memory increases EEPROM and ROM functionality with in-circuit electrical erasure
and programming. It contains 64K bytes of program memory organized respectively in 512
pages of 128 bytes. This memory is both parallel and serial In-System Programmable (ISP). ISP
allows devices to alter their own program memory in the actual end product under software con-
trol. A default serial loader (bootloader) program allows ISP of the Flash.
The programming does not require external dedicated programming voltage. The necessary
high programming voltage is generated on-chip using the standard VCC pins of the
microcontroller.
24.1
Features
• Flash EEPROM Internal Program Memory
• Boot vector allows user provided Flash loader code to reside anywhere in the Flash memory
space. This configuration provides flexibility to the user.
• Default loader in Boot ROM allows programming via the serial port without the need of a user
provided loader.
• Up to 64K bytes external program memory if the internal program memory is disabled (EA =
0).
• Programming and erasing voltage with standard power supply
• Read/Programming/Erase:
– Byte-wise read without wait state
– Byte or page erase and programming (10 ms)
• Typical programming time (64K bytes) is 22s with on chip serial bootloader
• Parallel programming with 87C51 compatible hardware interface to programmer
• Programmable security for the code in the Flash
• 100K write cycles
• 10 years data retention
24.2
Flash Programming and Erasure
The 64-K byte Flash is programmed by bytes or by pages of 128 bytes. It is not necessary to
erase a byte or a page before programming. The programming of a byte or a page includes a
self erase before programming.
There are three methods of programming the Flash memory:
1.
The on-chip ISP bootloader may be invoked which will use low level routines to pro-
gram the pages. The interface used for serial downloading of Flash is the UART.
2.
The Flash may be programmed or erased in the end-user application by calling low-
level routines through a common entry point in the Boot ROM.
3.
The Flash may be programmed using the parallel method by using a conventional
EPROM programmer. The parallel programming method used by these devices is simi-
lar to that used by EPROM 87C51 but it is not identical and the commercially available
programmers need to have support for the AT89C51RD2/ED2. The bootloader and the
Application Programming Interface (API) routines are located in the BOOT ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com