Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTUM Datasheet(PDF) 100 Page - ATMEL Corporation

Part # AT89C51ED2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTUM Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTUM Datasheet HTML 96Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 97Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 98Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 99Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 100Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 101Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 102Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 103Page - ATMEL Corporation AT89C51ED2-RDTUM Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 137 page
background image
100
4235K–8051–05/08
AT89C51RD2/ED2
24.6.4
Bootloader Functionality
The bootloader can be activated by two means: Hardware conditions or regular boot process.
The Hardware conditions (EA = 1, PSEN = 0) during the Reset# falling edge force the on-chip
bootloader execution. This allows an application to be built that will normally execute the end
user’s code but can be manually forced into default ISP operation.
As PSEN is a an output port in normal operating mode after reset, user application should take
care to release PSEN after falling edge of reset signal. The hardware conditions are sampled at
reset signal falling edge, thus they can be released at any time when reset input is low.
To ensure correct microcontroller startup, the PSEN pin should not be tied to ground during
power-on (See Figure 24-4).
Figure 24-4. Hardware conditions typical sequence during power-on.
The on-chip bootloader boot process is shown Figure 24-5.
VCC
PSEN
RST
Table 24-6.
Bootloader Process Description
Purpose
Hardware Conditions
The Hardware Conditions force the bootloader execution whatever BLJB,
BSB and SBV values.
BLJB
The Boot Loader Jump Bit forces the application execution.
BLJB = 0 => Bootloader execution
BLJB = 1 => Application execution
The BLJB is a fuse bit in the Hardware Byte.
It can be modified by hardware (programmer) or by software (API).
Note: The BLJB test is performed by hardware to prevent any program
execution.
SBV
The Software Boot Vector contains the high address of customer bootloader
stored in the application.
SBV = FCh (default value) if no customer bootloader in user Flash.
Note: The customer bootloader is called by JMP [SBV]00h instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com